Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC644 Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC644
Description  Light Management Unit with 4 LDOs and SemPulse짰Interface
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC644 Datasheet(HTML) 1 Page - Semtech Corporation

  SC644 Datasheet HTML 1Page - Semtech Corporation SC644 Datasheet HTML 2Page - Semtech Corporation SC644 Datasheet HTML 3Page - Semtech Corporation SC644 Datasheet HTML 4Page - Semtech Corporation SC644 Datasheet HTML 5Page - Semtech Corporation SC644 Datasheet HTML 6Page - Semtech Corporation SC644 Datasheet HTML 7Page - Semtech Corporation SC644 Datasheet HTML 8Page - Semtech Corporation SC644 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
© 2009 Semtech Corporation
POWER MANAGEMENT

SC644
Light Management Unit with
4 LDOs and SemPulse
® Interface
Features
Input supply voltage range — 2.9V to 5.5V
Very high efficiency charge pump driver system with
three modes — x, .5x, and 2x
Six programmable current sinks with 29 increments
from 0mA to 25mA
Four programmable 200mA low-noise LDO regulators
Programmable driver configurations for main and
sub-display backlight
Fade-in/fade-out feature for main and sub display
backlight
SemPulse single wire interface
Backlight current accuracy — ±.5% typical
Backlight current matching — ±0.5% typical
Automatic sleep mode with LEDs off
Shutdown current — 0.µA typical
Ultra-thin package — 3 x 3 x 0.6 (mm)
Lead free and halogen free
WEEE and RoHS compliant
Applications
Cellular phones, smart phones, and PDAs
LCD display modules
Portable media players
Digital cameras and GPS units
Display backlighting and LED indicators
Description
The SC644 is a high efficiency charge pump LED driver
using Semtech’s proprietary charge pump technology.
Performance is optimized for use in single cell Li-ion
battery applications.
Display backlighting is provided through six matched
current sinks with integrated fade-in and fade-out con-
trols. The LEDs can be driven as a single set or as two
different sets (for main and sub displays) with indepen-
dent controls. Four low noise, low dropout (LDO) regulators
are provided to supply power for camera module I/O and
other peripheral circuits.
The SC644 uses the proprietary SemPulse
® single wire
interface. This interface controls all functions of the device,
including backlight currents and LDO voltage outputs.
The single wire interface minimizes microcontroller and
interface pin counts.
The SC644 enters sleep mode when all the LED drivers are
disabled. In this mode, the quiescent current is reduced
while the device continues to monitor the SemPulse inter-
face. Any combination of LDOs may be enabled when in
sleep mode.
4.7µF
SemPulse
Interface
Main Backlight
4.7µF
VBAT = 2.9V to 5.5V
1.0µF
1.0µF
22nF
2.2µF
2.2µF
VLDO1 = 1.5V to 3.3V
VLDO2 = 1.2V to 1.8V
BL5
BL4
BL3
BL2
BL1
PGND
AGND
BYP
SPIF
IN
OUT
1.0µF
1.0µF
VLDO3 = 1.5V to 3.3V
Motor
SC644
Sub
Backlight
LDO1
LDO2
LDO3
LDO4
BL6
Typical Application Circuit
October 8, 2009
US Patents: 6,504,422; 6,794,926


Similar Part No. - SC644

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC643 SEMTECH-SC643 Datasheet
355Kb / 26P
Light Management Unit with 4 LDOs and SemPulse짰Interface
logo
Nippon Precision Circui...
SC6433 NPC-SC6433 Datasheet
1Mb / 4P
BWTV CAMERA SYNC PULSE GENERATOR
logo
Semtech Corporation
SC643EVB SEMTECH-SC643EVB Datasheet
355Kb / 26P
Light Management Unit with 4 LDOs and SemPulse짰Interface
SC643ULTRT SEMTECH-SC643ULTRT Datasheet
355Kb / 26P
Light Management Unit with 4 LDOs and SemPulse짰Interface
logo
Mallory Sonalert Produc...
SC648ADJR MSPI-SC648ADJR Datasheet
52Kb / 1P
Voltage Rating 10 to 48 VAC/DC
More results

Similar Description - SC644

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC621 SEMTECH-SC621 Datasheet
307Kb / 23P
LED Light Management Unit Charge Pump, 4 LEDs, 400mA Flash LED, Dual LDOs, and SemWireTM Interface
SC624 SEMTECH-SC624 Datasheet
288Kb / 22P
LED Light Management Unit Charge Pump, 4 LEDs, Dual LDOs, and SemWireTM Interface
SC624A SEMTECH-SC624A Datasheet
295Kb / 23P
LED Light Management Unit Charge Pump, 4 LEDs, Dual LDOs, and I2C Interface
SC627 SEMTECH-SC627 Datasheet
362Kb / 23P
LED Light Management Unit Charge Pump, 4 LEDs, 700mA Flash LED, Dual LDOs, and SemWireTM Interface
SC624 SEMTECH-SC624_09 Datasheet
295Kb / 22P
LED Light Management Unit Charge Pump, 4 LEDs, Dual LDOs,and SemWireTM Interface
SC624A SEMTECH-SC624A_09 Datasheet
302Kb / 23P
LED Light Management Unit Charge Pump, 4 LEDs, Dual LDOs,and I2C Interface
SC643 SEMTECH-SC643 Datasheet
355Kb / 26P
Light Management Unit with 4 LDOs and SemPulse짰Interface
SC653 SEMTECH-SC653 Datasheet
309Kb / 22P
Light Management Unit with 2 LDOs and SemPulse짰Interface
SC667 SEMTECH-SC667 Datasheet
1Mb / 47P
7 LED Light Management Unit Automatic Dropout Prevention, Ambient Light Sense Input, PWM Dimming, and 4 LDOs
SC668 SEMTECH-SC668 Datasheet
875Kb / 46P
8 LED Light Management Unit Automatic Dropout Prevention , Ambient Light Sense Input, PWM Dimming, and 4 LDOs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com