Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC644 Datasheet(PDF) 14 Page - Semtech Corporation

Part # SC644
Description  Light Management Unit with 4 LDOs and SemPulse짰Interface
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC644 Datasheet(HTML) 14 Page - Semtech Corporation

Back Button SC644 Datasheet HTML 10Page - Semtech Corporation SC644 Datasheet HTML 11Page - Semtech Corporation SC644 Datasheet HTML 12Page - Semtech Corporation SC644 Datasheet HTML 13Page - Semtech Corporation SC644 Datasheet HTML 14Page - Semtech Corporation SC644 Datasheet HTML 15Page - Semtech Corporation SC644 Datasheet HTML 16Page - Semtech Corporation SC644 Datasheet HTML 17Page - Semtech Corporation SC644 Datasheet HTML 18Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
SC644
4
Table 1 — Fade-In from Off State
Command
Sequence
Action
Data
Disable fade for
the bank
.
Write to register 09h
Binary value
xx0xxx, xxxxx0,
or xx0xx0
Set Main and/or
Sub backlights to
0.5mA
2.
Write to register 0h
and or 02h()
04h
Enable fade for
the bank
3.
Write to register 09h
Binary value
xxxx0 , xxxx,
or xx0xx
Set BLEN bits
4.
Write to register 00h
Any value from 0h
through 3Fh
Set new value of
backlight current
for the bank
5.
Write to register 0h
and/or 02h
Any value from 05h
through Fh
Notes:
() Write only to the banks which will fade
Fade-Out from any On State to Off State
Fading the backlight LEDs from any active state to the off
state follows a simple procedure. The sequence of com-
mands for this action is shown in Table 2. Following these
steps explicitly will ensure that the fade-out operation will
proceed with no interruption at the rate specified in the
Main/Sub Backlight Fade register (09h). This procedure
must be followed regardless of the backlight grouping
configuration.
Table 2 — Fade-Out from any On State to Off State
Command
Sequence
Action
Data
Enable fade
.
Write to register 09h
Any value from 0h
through 3Fh
Set Main and/or
Sub backlights to
0mA
2.
Write to register 0h
and/or 02h
00h
Fading Between Different On States
Fading from one backlight level to another (up or down)
also follows a simple procedure. The sequence of com-
mands for this action is shown in Table 3. Following these
steps explicitly will ensure that the fade-in/fade-out oper-
ation will proceed with no interruption at the rate specified
in the Main/Sub Backlight Fade register (09h). This proce-
Applications Information (continued)
dure must be followed regardless of the backlight
grouping configuration.
Table 3 — Fading between Different On States
Command
Sequence
Action
Data
Enable fade
.
Write to register 09h
Any value from 0h
through 3Fh
Set new value of
backlight current
2.
Write to register 0h
and/or 02h
Any value from 05h
through Fh
Additional Information
For more details about the Fade-in/Fade-out function,
refer to the SC644 Backlight Driver Software User’s Guide
and SemPulse Interface Specification document and to the
associated software drivers available for this device
(contact your sales office for more details).
Programmable LDO Outputs
Four low dropout (LDO) regulators are included to supply
power to peripheral circuits. Each LDO output voltage
setting has ±3.5% accuracy over the operating tempera-
ture range. Output current greater than specification is
possible at somewhat reduced accuracy (refer to the
typical characteristic section of this datasheet for load
regulation examples). LDO, LDO3, and LDO4 have iden-
tical specifications, with a programmable output ranging
from .5V to 3.3V. LDO2 is specified to operate with pro-
grammable output ranging from .2V to .8V. LDO2 also
has lower noise specifications so that it can be used with
noise sensitive circuits.
Shutdown Mode
The device is disabled when the SPIF pin is held low for
the shutdown time specified in the electrical characteris-
tics section. All registers are reset to default condition at
shutdown. Typical current consumption is this mode is
0.µA
Sleep Mode
When all backlights are off the charge pump is disabled,
and sleep mode is activated. This is a reduced current
mode that helps minimize overall current consumption.
In sleep mode, the SemPulse interface continues to
monitor its input for commands from the host. Typical
current consumption in this mode is 90µA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com