Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC644 Datasheet(PDF) 3 Page - Semtech Corporation

Part # SC644
Description  Light Management Unit with 4 LDOs and SemPulse짰Interface
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC644 Datasheet(HTML) 3 Page - Semtech Corporation

  SC644 Datasheet HTML 1Page - Semtech Corporation SC644 Datasheet HTML 2Page - Semtech Corporation SC644 Datasheet HTML 3Page - Semtech Corporation SC644 Datasheet HTML 4Page - Semtech Corporation SC644 Datasheet HTML 5Page - Semtech Corporation SC644 Datasheet HTML 6Page - Semtech Corporation SC644 Datasheet HTML 7Page - Semtech Corporation SC644 Datasheet HTML 8Page - Semtech Corporation SC644 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
SC644
3
Exceeding the above specifications may result in permanent damage to the device or device malfunction. Operation outside of the parameters
specified in the Electrical Characteristics section is not recommended.
NOTES:
() subscript n = , 2, 3, and 4.
(2) Tested according to JEDEC standard JESD22-A4-B.
(3) Calculated from package in still air, mounted to 3 x 4.5 (in), 4 layer FR4 PCB with thermal vias under the exposed pad per JESD5 standards.
Absolute Maximum Ratings
IN, OUT (V) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 to +6.0
C+, C2+ (V) . . . . . . . . . . . . . . . . . . . . . . . -0.3 to (V
OUT + 0.3)
Pin Voltage — All Other Pins (V) . . . . . . . . . -0.3 to (V
IN + 0.3)
OUT , LDOn() Short Circuit Duration. . . . . . . . . .Continuous
ESD Protection Level(2) (kV) . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2
Recommended Operating Conditions
Ambient Temperature Range (°C). . . . . . . . -40 ≤ T
A ≤ +85
Input Voltage (V). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2.9 ≤ V
IN ≤ 5.5
Output Voltage (V). . . . . . . . . . . . . . . . . . . . . . 2.5 ≤ V
OUT ≤ 5.25
Voltage difference between any two LEDs (V) . . . ∆V
F ≤ .0
Thermal Information
Thermal Resistance, Junction to Ambient(3) (°C/W) . . . . 35
Maximum Junction Temperature (°C) . . . . . . . . . . . . . . +50
Storage Temperature Range (°C). . . . . . . . . . . . -65 to +50
Peak IR Reflow Temperature (0s to 30s) (°C) . . . . . . +260
Unless otherwise noted, T
A = +25°C for Typ, -40ºC to +85°C for Min and Max, TJ(MAX) = 25ºC, VIN = 3.7V, C= C2 = 2.2µF, CIN = COUT = 4.7µF,
(ESR = 0.03Ω)()
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Supply Specifications
Input Supply Voltage
V
IN
2.9
5.5
V
Shutdown Current
I
Q(OFF)
Shutdown, V
IN = 4.2V
0.
2.0
µA
Total Quiescent Current
I
Q
Sleep (all LDOs off), SPIF = V
IN
(2)
90
35
µA
Sleep (all LDOs on), SPIF = V
IN
(2)
300
450
x mode, I
OUT = 3.0 mA, IBLn
(3)
= 0.5mA, 6 LEDs on
2.6
mA
x mode, I
OUT = 50mA, IBLn = 25mA, 6 LEDs on
4.8
.5x or 2x mode, I
OUT = 50mA, IBLn = 25mA, 6 LEDs on
5.6
Charge Pump Electrical Specifications
Maximum Total Output Current
I
OUT(MAX)
Sum of all active LED currents,
V
OUT ≤ 4.2V
50
mA
Backlight Current Setting Range
I
BL
Nominal setting for BL – BL6
0
25
mA
Backlight Current Accuracy
I
BL_ACC
I
BLn = 2mA
-8
±.5
8
%
Backlight Current Matching(4)
I
BL-BL
I
BLn = 2mA
-3.5
±0.5
+3.5
%
x Mode to .5x Mode
Falling Transition Voltage
V
TRANSx
I
OUT = 50mA, IBLn = 0mA, VOUT = 3.2V
3.22
V
.5x Mode to x Mode Hysteresis
V
HYSTx
I
OUT = 50mA, IBLn = 0mA, VOUT = 3.2V
250
mV
Electrical Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com