Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT2353 Datasheet(PDF) 17 Page - Princeton Technology Corp

Part # PT2353
Description  Satellite Subwoofer 3-Speaker System Electronics Crossover IC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT2353 Datasheet(HTML) 17 Page - Princeton Technology Corp

Back Button PT2353_10 Datasheet HTML 9Page - Princeton Technology Corp PT2353_10 Datasheet HTML 10Page - Princeton Technology Corp PT2353_10 Datasheet HTML 11Page - Princeton Technology Corp PT2353_10 Datasheet HTML 12Page - Princeton Technology Corp PT2353_10 Datasheet HTML 13Page - Princeton Technology Corp PT2353_10 Datasheet HTML 14Page - Princeton Technology Corp PT2353_10 Datasheet HTML 15Page - Princeton Technology Corp PT2353_10 Datasheet HTML 16Page - Princeton Technology Corp PT2353_10 Datasheet HTML 17Page - Princeton Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 17 / 17 page
background image
Tel: 886-2-66296288
Fax:886-2-29174598
URL:http://www.princeton.com.tw
PT2353 V1.2
- 17 -
March, 2006
Satellite + Subwoofer 3-Speaker System Electronics Crossover IC
PT2353
Notes:
1.
Dimensioning and tolerancing per ANSI Y14.5-1982.
2.
Dimension “D” does not include mold flash , protrusions or gate burrs. Mold Flash, protrusion or
gate burrs shall not exceed 0.15mm (0.006 in) per side.
3.
Dimension “E” does not include interlead flash or protrusions. Interlead flash or protrusions shall
not exceed 0.25 mm (0.010 in) per side.
4.
The chamfer on the body is optional. It is not present, a visual index feature must be located within
the crosshatched area.
5.
“L” is the length of the terminal for soldering to a substrate.
6.
“N” is the number of terminal positions. (N=28)
7.
The lead width “B” as measured 0.36 mm (0.014 in) or greater above the seating plane, shall not
exceed a maximum value of 0.61 mm (0.24 in).
8.
Controlling dimension: Millimeter
9.
Refer to JEDEC MS-013 Variation AE
JEDEC is the trademark of JEDEC SOLID STATE TECHNOLOGY ASSOCIATION.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com