Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT2353 Datasheet(PDF) 9 Page - Princeton Technology Corp

Part # PT2353
Description  Satellite Subwoofer 3-Speaker System Electronics Crossover IC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT2353 Datasheet(HTML) 9 Page - Princeton Technology Corp

Back Button PT2353_10 Datasheet HTML 5Page - Princeton Technology Corp PT2353_10 Datasheet HTML 6Page - Princeton Technology Corp PT2353_10 Datasheet HTML 7Page - Princeton Technology Corp PT2353_10 Datasheet HTML 8Page - Princeton Technology Corp PT2353_10 Datasheet HTML 9Page - Princeton Technology Corp PT2353_10 Datasheet HTML 10Page - Princeton Technology Corp PT2353_10 Datasheet HTML 11Page - Princeton Technology Corp PT2353_10 Datasheet HTML 12Page - Princeton Technology Corp PT2353_10 Datasheet HTML 13Page - Princeton Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
Tel: 886-2-66296288
Fax:886-2-29174598
URL:http://www.princeton.com.tw
PT2353 V1.2
- 9 -
March, 2006
Satellite + Subwoofer 3-Speaker System Electronics Crossover IC
PT2353
The subwoofer in this 3-speaker system has only one channel output; therefore, it is recommended
that the LPF must be less than 300Hz. If the frequency is greater than 300 Hz, then the audio output is
can be clearly discernible. That is, it is easy to know where the sound is coming from. The following
diagram provides the suggested crossover frequencies and respective external capacitors.
Notes:
⎯⎯⎯
Crossover Frequency: 280Hz, C=0.015
µF, C1=0.047µF, C2=0.018µF
- - -
Crossover Frequency: 200Hz, C=0.022
µF, C1=0.068µF, C2=0.027µF
— —
Crossover Frequency: 120Hz, C=0.033
µF, C1=0.1µF, C2=0.047µF
C is the High Pass Filter External Capacitor.
C1 and C2 are the Low Pass Filter External Capacitors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com