Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT2353 Datasheet(PDF) 11 Page - Princeton Technology Corp

Part # PT2353
Description  Satellite Subwoofer 3-Speaker System Electronics Crossover IC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT2353 Datasheet(HTML) 11 Page - Princeton Technology Corp

Back Button PT2353_10 Datasheet HTML 7Page - Princeton Technology Corp PT2353_10 Datasheet HTML 8Page - Princeton Technology Corp PT2353_10 Datasheet HTML 9Page - Princeton Technology Corp PT2353_10 Datasheet HTML 10Page - Princeton Technology Corp PT2353_10 Datasheet HTML 11Page - Princeton Technology Corp PT2353_10 Datasheet HTML 12Page - Princeton Technology Corp PT2353_10 Datasheet HTML 13Page - Princeton Technology Corp PT2353_10 Datasheet HTML 14Page - Princeton Technology Corp PT2353_10 Datasheet HTML 15Page - Princeton Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
Tel: 886-2-66296288
Fax:886-2-29174598
URL:http://www.princeton.com.tw
PT2353 V1.2
- 11 -
March, 2006
Satellite + Subwoofer 3-Speaker System Electronics Crossover IC
PT2353
ABSOLUTE MAXIMUM RATING
Parameter
Symbol
Rating
Unit
Operating voltage
Vs
10.2
V
Ambient temperature
Topr
-40 to +85
℃
Storage temperature
Tstg
-65 to +150
℃
ELECTRICAL CHARACTERISTICS
(Unless otherwise specified, Tamb=25℃, VDD=9V, RL=100KΩ, f=1KHz)
Parameter
Symbol
Condition
Min. Typ. Max.
Unit
Power supply
VDD
5
-
9.5
V
Operating current
Is
3D, PK OFF, VDD=9V
3D, PK OFF, VDD=4.5V
-
-
23
18
-
-
mA
mA
ATT=0dB, F=1KHz
VIN=1Vrms, 20Hz ~ 20KHz
All filters bypass, All outputs
-
0.01
-
Total harmonic distortion
THD
ATT=-20dB, F=1KHz
VIN=1Vrms, 20Hz ~ 20KHz
All filters bypass, All outputs
-
0.05
-
%
Output noise
NO
ATT=0dB, VIN=0V
A-weighting, All filters bypass
-
15
-
µV
Signal-to-noise ratio
S/N
0dB=1Vrms, ATT=0dB
VIN=0V, A-weighting
All filters bypass
-
90
-
dB
Maximum input voltage
VIMAX
f=1KHz, ATT=0dB
VDD=9V
-
-
2.7
-
Vrms
Voltage gain
Gn
f=1KHz, ATT=0dB
All Outputs
-1
0
+1
dB
Cross talk
CT
0dB=1Vrms, f=1KHz
VIN=1Vrms, RL=100K
RG=600Ω, A-weighting
-
-86
-
dB
f=1KHz, VIN=1Vrms
LOUT, ROUT
-
-75
-
dB
Maximum volume
attenuation
ATTMAX
Main volume =Max, SOUT
-
-75
-
dB
High level input voltage
VIH
6.7
-
9
V
Low level input voltage
VIL
0
-
3.2
V
LED sink current
IS
3D LED Pin
-
6
-
mA
Drive current
IO
PO
-
5
-
mA
Output impedance
RO
Vout=100mV
f=1KHz
70
100
130
Ω
Input impedance
RI
40
50
60
KΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com