Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT2353 Datasheet(PDF) 15 Page - Princeton Technology Corp

Part # PT2353
Description  Satellite Subwoofer 3-Speaker System Electronics Crossover IC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT2353 Datasheet(HTML) 15 Page - Princeton Technology Corp

Back Button PT2353_10 Datasheet HTML 9Page - Princeton Technology Corp PT2353_10 Datasheet HTML 10Page - Princeton Technology Corp PT2353_10 Datasheet HTML 11Page - Princeton Technology Corp PT2353_10 Datasheet HTML 12Page - Princeton Technology Corp PT2353_10 Datasheet HTML 13Page - Princeton Technology Corp PT2353_10 Datasheet HTML 14Page - Princeton Technology Corp PT2353_10 Datasheet HTML 15Page - Princeton Technology Corp PT2353_10 Datasheet HTML 16Page - Princeton Technology Corp PT2353_10 Datasheet HTML 17Page - Princeton Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
Tel: 886-2-66296288
Fax:886-2-29174598
URL:http://www.princeton.com.tw
PT2353 V1.2
- 15 -
March, 2006
Satellite + Subwoofer 3-Speaker System Electronics Crossover IC
PT2353
Symbol
Min.
Max.
A
-
6.35
A1
0.39
-
A2
3.18
4.95
B
0.356
0.558
B1
0.77
1.77
C
0.204
0.381
D
35.1
39.7
D1
0.13
-
E
15.24
15.87
E1
13.32
14.73
e
2.54 BSC.
eA
15.24 BSC.
eB
-
17.78
L
2.93
5.08
Notes:
1.
Controlling Dimension: Millimeter
2.
Dimensioning and tolerancing per ANSI Y14.5M-1982.
3.
Dimensions “A”, “A1”< and “L” are measured with the package seated in JEDEC Seating Plane
Gauge GS-3.
4.
“D” and “E1” are dimensions for plastic packages, do not include mold flash or protrusions. Mold
flash or protrusions shall not exceed 0.10 inch (0.25mm).
5.
“E” and “A” are measured with the leads constrained to be perpendicular to plane T.
6.
“eB” and “oC” are measured at the lead tips with the leads unconstrained. “oC” must be zero or
greater.
7.
N is the maximum number of terminal positions. (N=28)
8.
Corner leads (I, N, N/2+1) may be configured as shown in Figure 2.
9.
Pointed or rounded lead tips are preferred to ease insertion.
10.
For automatic insertion, any raised irregularity on the top surface (step, mess, etc.) shall be
symmetrical about the lateral and longitudinal package centerlines.
11.
Please refer to JEDEC MS-011 Variation AB.
JEDEC is the trademark of JEDEC SOLID STATE TECHNOLOGY ASSOCIATION.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com