Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT2353 Datasheet(PDF) 6 Page - Princeton Technology Corp

Part # PT2353
Description  Satellite Subwoofer 3-Speaker System Electronics Crossover IC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT2353 Datasheet(HTML) 6 Page - Princeton Technology Corp

Back Button PT2353_10 Datasheet HTML 2Page - Princeton Technology Corp PT2353_10 Datasheet HTML 3Page - Princeton Technology Corp PT2353_10 Datasheet HTML 4Page - Princeton Technology Corp PT2353_10 Datasheet HTML 5Page - Princeton Technology Corp PT2353_10 Datasheet HTML 6Page - Princeton Technology Corp PT2353_10 Datasheet HTML 7Page - Princeton Technology Corp PT2353_10 Datasheet HTML 8Page - Princeton Technology Corp PT2353_10 Datasheet HTML 9Page - Princeton Technology Corp PT2353_10 Datasheet HTML 10Page - Princeton Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
Tel: 886-2-66296288
Fax:886-2-29174598
URL:http://www.princeton.com.tw
PT2353 V1.2
- 6 -
March, 2006
Satellite + Subwoofer 3-Speaker System Electronics Crossover IC
PT2353
VOLUME ATTENUATION
A PT2353 volume control circuit consists of ladder resistors and analog switches. The Tap for
Loudness Function (LT & RT) is connected to the Step 6 (-20dB). Therefore, the Loudness Function
Effect will be clearly audible when the volume setting is less than -20dB. Please refer to the attenuation
table given below.
Step
Attenuation
Step
Attenuation
0
0
16
-32
1
-2
17
-34
2
-4
18
-36
3
-6
19
-38
4
-8
20
-40
5
-10
21
-42
6
-12
22
-44
7
-14
23
-46
8
-16
24
-48
9
-18
25
-50
10
-20
26
-52
11
-22
27
-54
12
-24
28
-56
13
-26
29
-58
14
-28
30
-60
15
-30
31
∞



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com