Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT2353 Datasheet(PDF) 8 Page - Princeton Technology Corp

Part # PT2353
Description  Satellite Subwoofer 3-Speaker System Electronics Crossover IC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT2353 Datasheet(HTML) 8 Page - Princeton Technology Corp

Back Button PT2353_10 Datasheet HTML 4Page - Princeton Technology Corp PT2353_10 Datasheet HTML 5Page - Princeton Technology Corp PT2353_10 Datasheet HTML 6Page - Princeton Technology Corp PT2353_10 Datasheet HTML 7Page - Princeton Technology Corp PT2353_10 Datasheet HTML 8Page - Princeton Technology Corp PT2353_10 Datasheet HTML 9Page - Princeton Technology Corp PT2353_10 Datasheet HTML 10Page - Princeton Technology Corp PT2353_10 Datasheet HTML 11Page - Princeton Technology Corp PT2353_10 Datasheet HTML 12Page - Princeton Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
Tel: 886-2-66296288
Fax:886-2-29174598
URL:http://www.princeton.com.tw
PT2353 V1.2
- 8 -
March, 2006
Satellite + Subwoofer 3-Speaker System Electronics Crossover IC
PT2353
FILTER
The main channel of PT2353 includes the high pass filter which is used to filter out the main speaker’s
low frequency characteristics. The filtered signal is then combined with the subwoofer low pass filter
characteristics. This High Pass Filter is of Sallen Key Type with a pass band gain equivalent to 0dB.
Adjustment of the crossover frequency is made via the two external capacitors. Please refer to the
figure below.
REF
LOUT/ROUT
C
C
CL2
CL3
CL1
Signal
In
-
+
Subwoofer channel mixed from the Main Channel also uses the Sallen Key Type Low Pass Filter to
filter out the high frequency characteristics. Two external capacitors can be used to adjust the
crossover frequency. Please refer to the diagram below.
SOUT
C1
C2
Signal
In
REF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com