Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT2353 Datasheet(PDF) 7 Page - Princeton Technology Corp

Part # PT2353
Description  Satellite Subwoofer 3-Speaker System Electronics Crossover IC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT2353 Datasheet(HTML) 7 Page - Princeton Technology Corp

Back Button PT2353_10 Datasheet HTML 3Page - Princeton Technology Corp PT2353_10 Datasheet HTML 4Page - Princeton Technology Corp PT2353_10 Datasheet HTML 5Page - Princeton Technology Corp PT2353_10 Datasheet HTML 6Page - Princeton Technology Corp PT2353_10 Datasheet HTML 7Page - Princeton Technology Corp PT2353_10 Datasheet HTML 8Page - Princeton Technology Corp PT2353_10 Datasheet HTML 9Page - Princeton Technology Corp PT2353_10 Datasheet HTML 10Page - Princeton Technology Corp PT2353_10 Datasheet HTML 11Page - Princeton Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
Tel: 886-2-66296288
Fax:886-2-29174598
URL:http://www.princeton.com.tw
PT2353 V1.2
- 7 -
March, 2006
Satellite + Subwoofer 3-Speaker System Electronics Crossover IC
PT2353
The equivalent circuit is shown below.
OUT
IN
29K
LT
22K
AGND
Step 0
Step 1
Step 2
Step 9
Step 10
Step 11
Step 31
Step 30
VOLUME INITIALIZATION
After power is turned ON, the volume control value of the main channel is set to the initial setting of
-30dB step while the subwoofer channel will be set at 0dB.
The PT2353 loudness frequency response curve from Step 0 to Step 31 is given below.
Step 0
Step 31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com