Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT2353 Datasheet(PDF) 12 Page - Princeton Technology Corp

Part # PT2353
Description  Satellite Subwoofer 3-Speaker System Electronics Crossover IC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT2353 Datasheet(HTML) 12 Page - Princeton Technology Corp

Back Button PT2353_10 Datasheet HTML 8Page - Princeton Technology Corp PT2353_10 Datasheet HTML 9Page - Princeton Technology Corp PT2353_10 Datasheet HTML 10Page - Princeton Technology Corp PT2353_10 Datasheet HTML 11Page - Princeton Technology Corp PT2353_10 Datasheet HTML 12Page - Princeton Technology Corp PT2353_10 Datasheet HTML 13Page - Princeton Technology Corp PT2353_10 Datasheet HTML 14Page - Princeton Technology Corp PT2353_10 Datasheet HTML 15Page - Princeton Technology Corp PT2353_10 Datasheet HTML 16Page - Princeton Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
Tel: 886-2-66296288
Fax:886-2-29174598
URL:http://www.princeton.com.tw
PT2353 V1.2
- 12 -
March, 2006
Satellite + Subwoofer 3-Speaker System Electronics Crossover IC
PT2353
APPLICATION CIRCUIT
/3D
VSS
LOUT
LIN
LT
CL1
CL2
CL3
/SUP
/SDW
/MUP
/MDW
OSC
/PK
3D_LED
VDD
ROUT
RIN
RT
CR1
CR2
CR3
C2
REF
C1N
C1P
SOUT
PO
100K
33K
10uF
10uF
100uF
C2
C1
u33
3D
/SUP
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
2K2
220
C
C
C
C
/SDW
/MUP
/MDW
Power Key
100K
3D LED
100uF
2K2
220
100K
8n2
10uF
1K
BAV99
10uF
100K
8n2
u33
1K
2u2
BAV99
10uF
100K
*
L OUT
VDD 9V
VDD 9V
VDD 9V
R OUT
VDD 9V
R IN
REF
REF
REF
S OUT
L IN
**
**
**
**
Notes:
Please refer to the PT2353 Crossover Frequency Response Curve for the values of C, C1, and C2.
Please refer to Power Control (PO) Section of this document.
** For input port high voltage pulse protection.
PT2353



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com