Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

116A Datasheet(PDF) 45 Page - Renesas Technology Corp

Part # 116A
Description  RENESAS MCU
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

116A Datasheet(HTML) 45 Page - Renesas Technology Corp

Back Button 116A Datasheet HTML 41Page - Renesas Technology Corp 116A Datasheet HTML 42Page - Renesas Technology Corp 116A Datasheet HTML 43Page - Renesas Technology Corp 116A Datasheet HTML 44Page - Renesas Technology Corp 116A Datasheet HTML 45Page - Renesas Technology Corp 116A Datasheet HTML 46Page - Renesas Technology Corp 116A Datasheet HTML 47Page - Renesas Technology Corp 116A Datasheet HTML 48Page - Renesas Technology Corp 116A Datasheet HTML 49Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 102 page
background image
REJ03B0297-0100
Rev.1.00
Page 45 of 99
Jul 16, 2010
R32C/116A Group
4. Special Function Registers (SFRs)
Table 4.16
SFR List (16)
Address
Register
Symbol
Reset Value
0003B0h
0003B1h
0003B2h
0003B3h
0003B4h
0003B5h
0003B6h
0003B7h
0003B8h
0003B9h
0003BAh
0003BBh
0003BCh
0003BDh
0003BEh
0003BFh
0003C0h Port P0 Register
P0
XXh
0003C1h Port P1 Register
P1
XXh
0003C2h Port P0 Direction Register
PD0
0000 0000b
0003C3h Port P1 Direction Register
PD1
0000 0000b
0003C4h Port P2 Register
P2
XXh
0003C5h Port P3 Register
P3
XXh
0003C6h Port P2 Direction Register
PD2
0000 0000b
0003C7h Port P3 Direction Register
PD3
0000 0000b
0003C8h Port P4 Register
P4
XXh
0003C9h Port P5 Register
P5
XXh
0003CAh Port P4 Direction Register
PD4
0000 0000b
0003CBh Port P5 Direction Register
PD5
0000 0000b
0003CCh Port P6 Register
P6
XXh
0003CDh Port P7 Register
P7
XXh
0003CEh Port P6 Direction Register
PD6
0000 0000b
0003CFh Port P7 Direction Register
PD7
0000 0000b
0003D0h Port P8 Register
P8
XXh
0003D1h Port P9 Register
P9
XXh
0003D2h Port P8 Direction Register
PD8
00X0 0000b
0003D3h Port P9 Direction Register
PD9
0000 0000b
0003D4h Port P10 Register
P10
XXh
0003D5h Port P11 Register
P11
XXh
0003D6h Port P10 Direction Register
PD10
0000 0000b
0003D7h Port P11 Direction Register
PD11
0000 0000b
0003D8h Port P12 Register
P12
XXh
0003D9h Port P13 Register
P13
XXh
0003DAh Port P12 Direction Register
PD12
0000 0000b
0003DBh Port P13 Direction Register
PD13
0000 0000b
0003DCh Port P14 Register
P14
XXh
0003DDh Port P15 Register
P15
XXh
0003DEh Port P14 Direction Register
PD14
0000 0000b
0003DFh Port P15 Direction Register
PD15
0000 0000b
X: Undefined
Blanks are reserved. No access is allowed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com