Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

116A Datasheet(PDF) 15 Page - Renesas Technology Corp

Part # 116A
Description  RENESAS MCU
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

116A Datasheet(HTML) 15 Page - Renesas Technology Corp

Back Button 116A Datasheet HTML 11Page - Renesas Technology Corp 116A Datasheet HTML 12Page - Renesas Technology Corp 116A Datasheet HTML 13Page - Renesas Technology Corp 116A Datasheet HTML 14Page - Renesas Technology Corp 116A Datasheet HTML 15Page - Renesas Technology Corp 116A Datasheet HTML 16Page - Renesas Technology Corp 116A Datasheet HTML 17Page - Renesas Technology Corp 116A Datasheet HTML 18Page - Renesas Technology Corp 116A Datasheet HTML 19Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 102 page
background image
REJ03B0297-0100
Rev.1.00
Page 15 of 99
Jul 16, 2010
R32C/116A Group
1. Overview
Figure 1.4
Pin Assignment for the 144-pin Package (top view)
STXD4 / SCL4 / RXD4 / ADTRG / P9_7
P7_0 / TA0OUT / TXD2 / SDA2 / SRXD2 / IIO1_6 / OUTC2_0 / ISTXD2 / IEOUT / MSDA
P6_7 / TXD1 / SDA1 / SRXD1
AVCC
VREF
AN_0 / P10_0
AVSS
AN_1 / P10_1
AN_2 / P10_2
AN_3 / P10_3
KI0 / AN_4 / P10_4
KI1 / AN_5 / P10_5
KI2 / AN_6 / P10_6
KI3 / AN_7 / P10_7
VCC
IIO0_0 / TXD7 / AN15_0 / P15_0
VSS
IIO0_1 / CLK7 / AN15_1 / P15_1
IIO0_2 / RXD7 / AN15_2 / P15_2
IIO0_3 / CTS7 / RTS7 / AN15_3 / P15_3
IIO0_4 / TXD6 / SDA6 / SRXD6 / AN15_4 / P15_4
IIO0_5 / RXD6 / SCL6 / STXD6 / AN15_5 / P15_5
IIO0_6 / CLK6 / AN15_6 / P15_6
IIO0_7 / CTS6 / RTS6 / SS6 / AN15_7 / P15_7
AN0_0 / D0 / P0_0
AN0_1 / D1 / P0_1
AN0_2 / D2 / P0_2
AN0_3 / D3 / P0_3
IIO1_0 / TXD8 / CS0 / P11_0
IIO1_1 / CLK8 / CS1 / P11_1
IIO1_2 / RXD8 / CS2 / P11_2
IIO1_3 / CTS8 / RTS8 / WR2 / CS3 / P11_3
WR3 / BC3 / P11_4
AN0_4 / D4 / P0_4
AN0_5 / D5 / P0_5
AN0_6 / D6 / P0_6
AN0_7 / D7 / P0_7
IIO0_0 / IIO1_0 / D8 / P1_0
P14_7
P6_6 / RXD1 / SCL1 / STXD1
P11_7
P6_5 / CLK1
P6_4 / CTS1 / RTS1 / SS1 / OUTC2_1 / ISCLK2
P6_3 / TXD0 / SDA0 / SRXD0
P13_7 / D31 / OUTC2_7
P13_6 / D30 / OUTC2_1 / ISCLK2
P13_5 / D29 / OUTC2_2 / ISRXD2 / IEIN
P13_4 / D28 / OUTC2_0 / ISTXD2 / IEOUT
P13_3 / D27 / OUTC2_3
VSS
P13_2 / D26 / OUTC2_6
VCC
P13_1 / D25 / OUTC2_5
P13_0 / D24 / OUTC2_4
P5_3 / CLKOUT / BCLK
P5_2 / RD
P5_1 / WR1 / BC1
P5_0 / WR0 / WR
P12_7 / D23
P12_6 / D22
P12_5 / D21
P4_7 / CS0 / A23 / TXD6 / SDA6 / SRXD6
P4_6 / CS1 / A22 / RXD6 / SCL6 / STXD6
P4_5 / CS2 / A21 / CLK6
P4_4 / CS3 / A20 / CTS6 / RTS6 / SS6
R32C/116A GROUP
P5_7 / RDY / CS3 / CTS7 / RTS7
P5_6 / ALE / CS2 / RXD7
P5_5 / HOLD / CLK7
P5_4 / HLDA / CS1 / TXD7
P6_2 / TB2IN / RXD0 / SCL0 / STXD0
P6_1 / TB1IN / CLK0
P6_0 / TB0IN / CTS0 / RTS0 / SS0
PLQP0144KA-A
(144P6Q-A)
(Top view)
37
38
39
40
41
42
43
44
45
46
47
48
49
50
51
52
53
54
55
56
57
58
59
60
61
62
63
64
65
66
67
68
69
70
71
72
144
143
142
141
140
139
138
137
136
135
134
133
132
131
130
129
128
127
126
125
124
123
122
121
120
119
118
117
116
115
114
113
112
111
110
109
(Note 3)
(Note 2)
Notes:
1. Pin names in brackets [ ] represent a functional signal as a whole and should not be considered as two separate pins.
2. The following pins are 5 V tolerant inputs: P4_0 to P4_7, P5_4 to P5_7, P6_0 to P6_7, P7_0 to P7_7, P8_0 to P8_3, P12_0 to P12_7.
3. The position of pin number 1 varies by product. Refer to the index mark in attached “Package Dimensions”.
(Note 2)
(Note 2)
(Note 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com