Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

116A Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # 116A
Description  RENESAS MCU
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

116A Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button 116A Datasheet HTML 6Page - Renesas Technology Corp 116A Datasheet HTML 7Page - Renesas Technology Corp 116A Datasheet HTML 8Page - Renesas Technology Corp 116A Datasheet HTML 9Page - Renesas Technology Corp 116A Datasheet HTML 10Page - Renesas Technology Corp 116A Datasheet HTML 11Page - Renesas Technology Corp 116A Datasheet HTML 12Page - Renesas Technology Corp 116A Datasheet HTML 13Page - Renesas Technology Corp 116A Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 102 page
background image
REJ03B0297-0100
Rev.1.00
Page 10 of 99
Jul 16, 2010
R32C/116A Group
1. Overview
Table 1.6
Pin Characteristics for the 176-pin Package (1/5)
Pin
No.
Control
Pin
Port
Interrupt
Pin
Timer Pin
UART Pin
Intelligent I/O Pin
Analog
Pin
Bus Control
Pin
1
P9_6
TXD4/SDA4/SRXD4
ANEX1
2
P9_5
CLK4
ANEX0
3P9_4
TB4IN
CTS4/RTS4/SS4
DA1
4P9_3
TB3IN
CTS3/RTS3/SS3
DA0
5
P9_2
TB2IN
TXD3/SDA3/SRXD3
OUTC2_0/ISTXD2/
IEOUT
6
P9_1
TB1IN
RXD3/SCL3/STXD3
ISRXD2/IEIN
7
P9_0
TB0IN
CLK3
8
P19_7
9
P14_6
INT8
10
P19_6
11
P14_5
INT7
12
P14_4
INT6
13
P14_3
14
VDC0
15
P14_1
16
VDC1
17
NSD
18
CNVSS
19
XCIN
P8_7
20
XCOUT P8_6
21
RESET
22
XOUT
23
VSS
24
XIN
25
VCC
26
P8_5
NMI
27
P8_4
INT2
28
P8_3
INT1
29
P8_2
INT0
30
P8_1
TA4IN/
UCTS5/RTS5/SS5
IIO1_5/UD0B/UD1B
31
P8_0
TA4OUT/U RXD5/SCL5/STXD5
UD0A/UD1A
32
P18_1
33
P18_0
34
P7_7
TA3IN
CLK5
IIO1_4/UD0B/UD1B
35
P7_6
TA3OUT
TXD5/SDA5/SRXD5/
CTS8/RTS8
IIO1_3/UD0A/UD1A
36
P7_5
TA2IN/
W
RXD8
IIO1_2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com