Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

116A Datasheet(PDF) 28 Page - Renesas Technology Corp

Part # 116A
Description  RENESAS MCU
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

116A Datasheet(HTML) 28 Page - Renesas Technology Corp

Back Button 116A Datasheet HTML 24Page - Renesas Technology Corp 116A Datasheet HTML 25Page - Renesas Technology Corp 116A Datasheet HTML 26Page - Renesas Technology Corp 116A Datasheet HTML 27Page - Renesas Technology Corp 116A Datasheet HTML 28Page - Renesas Technology Corp 116A Datasheet HTML 29Page - Renesas Technology Corp 116A Datasheet HTML 30Page - Renesas Technology Corp 116A Datasheet HTML 31Page - Renesas Technology Corp 116A Datasheet HTML 32Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 102 page
background image
REJ03B0297-0100
Rev.1.00
Page 28 of 99
Jul 16, 2010
R32C/116A Group
2. Central Processing Unit (CPU)
2.2
Fast Interrupt Registers
The following three registers are provided to minimize the overhead of interrupt sequence.
2.2.1
Save Flag Register (SVF)
This 32-bit register is used to save the flag register when a fast interrupt is generated.
2.2.2
Save PC Register (SVP)
This 32-bit register is used to save the program counter when a fast interrupt is generated.
2.2.3
Vector Register (VCT)
This 32-bit register is used to indicate a jump address when a fast interrupt is generated.
2.3
DMAC-associated Registers
There are seven types of DMAC-associated registers.
2.3.1
DMA Mode Registers (DMD0, DMD1, DMD2, and DMD3)
These 32-bit registers are used to set DMA transfer mode, bit rate, etc.
2.3.2
DMA Terminal Count Registers (DCT0, DCT1, DCT2, and DCT3)
These 24-bit registers are used to set DMA transfer counting.
2.3.3
DMA Terminal Count Reload Registers (DCR0, DCR1, DCR2, and DCR3)
These 24-bit registers are used to set the reloaded values for DMA terminal count registers.
2.3.4
DMA Source Address Registers (DSA0, DSA1, DSA2, and DSA3)
These 32-bit registers are used to set DMA source addresses.
2.3.5
DMA Source Address Reload Registers (DSR0, DSR1, DSR2, and DSR3)
These 32-bit registers are used to set the reloaded value for DMA source address register.
2.3.6
DMA Destination Address Registers (DDA0, DDA1, DDA2, and DDA3)
These 32-bit registers are used to set DMA destination address.
2.3.7
DMA Destination Address Reload Registers (DDR0, DDR1, DDR2, and
DDR3)
These 32-bit registers are used to set reloaded values for DMA destination address registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com