Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

116A Datasheet(PDF) 18 Page - Renesas Technology Corp

Part # 116A
Description  RENESAS MCU
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

116A Datasheet(HTML) 18 Page - Renesas Technology Corp

Back Button 116A Datasheet HTML 14Page - Renesas Technology Corp 116A Datasheet HTML 15Page - Renesas Technology Corp 116A Datasheet HTML 16Page - Renesas Technology Corp 116A Datasheet HTML 17Page - Renesas Technology Corp 116A Datasheet HTML 18Page - Renesas Technology Corp 116A Datasheet HTML 19Page - Renesas Technology Corp 116A Datasheet HTML 20Page - Renesas Technology Corp 116A Datasheet HTML 21Page - Renesas Technology Corp 116A Datasheet HTML 22Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 102 page
background image
REJ03B0297-0100
Rev.1.00
Page 18 of 99
Jul 16, 2010
R32C/116A Group
1. Overview
Table 1.13
Pin Characteristics for the 144-pin Package (3/4)
Pin
No.
Control
Pin
Port
Interrupt
Pin
Timer Pin
UART Pin
Intelligent I/O Pin
Analog
Pin
Bus Control
Pin
75
P4_2
RXD3/SCL3/STXD3
ISRXD2/IEIN
A18
76
P11_5
77
P4_1
CLK3
A17
78
P4_0
CTS3/RTS3/SS3
A16
79
P3_7
TA4IN/
U
A15(/D15)
80
P3_6
TA4OUT/U
A14(/D14)
81
P3_5
TA2IN/
W
A13(/D13)
82
P3_4
TA2OUT/W
A12(/D12)
83
P3_3
TA1IN/
V
A11(/D11)
84
P3_2
TA1OUT/V
A10(/D10)
85
P3_1
TA3OUT
UD0B/UD1B
A9(/D9)
86
P12_4
D20
87
P12_3
CTS6/RTS6/SS6
D19
88
P12_2
RXD6/SCL6/STXD6
D18
89
P12_1
CLK6
D17
90
P12_0
TXD6/SDA6/SRXD6
D16
91
VCC
92
P3_0
TA0OUT
UD0A/UD1A
A8(/D8)
93
VSS
94
P2_7
TXD10
AN2_7
A7(/D7)
95
P2_6
RXD10
AN2_6
A6(/D6)
96
P2_5
CLK10
AN2_5
A5(/D5)
97
P2_4
CTS10/RTS10
AN2_4
A4(/D4)
98
P2_3
TXD9
AN2_3
A3(/D3)
99
P2_2
RXD9
AN2_2
A2(/D2)
100
P2_1
CLK9
AN2_1
A1(/D1)/
BC2(/D1)
101
P2_0
CTS9/RTS9
AN2_0
A0(/D0)/
BC0(/D0)
102
P1_7
INT5
IIO0_7/IIO1_7
D15
103
P1_6
INT4
IIO0_6/IIO1_6
D14
104
P1_5
INT3
IIO0_5/IIO1_5
D13
105
P1_4
IIO0_4/IIO1_4
D12
106
P1_3
IIO0_3/IIO1_3
D11
107
P1_2
IIO0_2/IIO1_2
D10
108
P1_1
IIO0_1/IIO1_1
D9
109
P1_0
IIO0_0/IIO1_0
D8
110
P0_7
AN0_7
D7
111
P0_6
AN0_6
D6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com