Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

116A Datasheet(PDF) 27 Page - Renesas Technology Corp

Part # 116A
Description  RENESAS MCU
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

116A Datasheet(HTML) 27 Page - Renesas Technology Corp

Back Button 116A Datasheet HTML 23Page - Renesas Technology Corp 116A Datasheet HTML 24Page - Renesas Technology Corp 116A Datasheet HTML 25Page - Renesas Technology Corp 116A Datasheet HTML 26Page - Renesas Technology Corp 116A Datasheet HTML 27Page - Renesas Technology Corp 116A Datasheet HTML 28Page - Renesas Technology Corp 116A Datasheet HTML 29Page - Renesas Technology Corp 116A Datasheet HTML 30Page - Renesas Technology Corp 116A Datasheet HTML 31Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 102 page
background image
REJ03B0297-0100
Rev.1.00
Page 27 of 99
Jul 16, 2010
R32C/116A Group
2. Central Processing Unit (CPU)
2.1.8.5
Register Bank Select Flag (B flag)
This flag selects a register bank. It indicates 0 when the register bank 0 is selected, and 1 when the
register bank 1 is selected.
2.1.8.6
Overflow Flag (O flag)
This flag becomes 1 if an overflow occurs in an operation; otherwise it is 0.
2.1.8.7
Interrupt Enable Flag (I flag)
This flag enables maskable interrupts. To disable maskable interrupts, set this flag to 0. To enable
them, set this flag to 1. When an interrupt is accepted, the flag becomes 0.
2.1.8.8
Stack Pointer Select Flag (U flag)
To select the interrupt stack pointer (ISP), set this flag to 0. To select the user stack pointer (USP), set
this flag to 1.
It becomes 0 when a hardware interrupts is accepted or when an INT instruction designated by a
software interrupt number from 0 to 127 is executed.
2.1.8.9
Floating-point Underflow Flag (FU flag)
This flag becomes 1 when an underflow occurs in a floating-point operation; otherwise it is 0. It also
becomes 1 when the operand has invalid numbers (subnormal numbers).
2.1.8.10
Floating-point Overflow Flag (FO flag)
This flag becomes 1 when an overflow occurs in a floating-point operation; otherwise it is 0. It also
becomes 1 when the operand has invalid numbers (subnormal numbers).
2.1.8.11
Processor Interrupt Priority Level (IPL)
The processor interrupt priority level (IPL), consisting of three bits, selects a processor interrupt priority
level from level 0 to 7. An interrupt is acceptable when the interrupt request level is higher than the
selected IPL.
When the processor interrupt priority level (IPL) is set to 111b (level 7), all interrupts are disabled.
2.1.8.12
Fixed-point Radix Point Designation Bit (DP bit)
This bit designates the radix point. It also specifies which portion of the fixed-point multiplication result
to take. It is used in the MULX instruction.
2.1.8.13
Floating-point Rounding Mode (RND)
The 2-bit floating-point rounding mode selects a rounding mode for floating-point calculation results.
2.1.8.14
Reserved
Only set this bit to 0. The read value is undefined.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com