Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

116A Datasheet(PDF) 56 Page - Renesas Technology Corp

Part # 116A
Description  RENESAS MCU
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

116A Datasheet(HTML) 56 Page - Renesas Technology Corp

Back Button 116A Datasheet HTML 52Page - Renesas Technology Corp 116A Datasheet HTML 53Page - Renesas Technology Corp 116A Datasheet HTML 54Page - Renesas Technology Corp 116A Datasheet HTML 55Page - Renesas Technology Corp 116A Datasheet HTML 56Page - Renesas Technology Corp 116A Datasheet HTML 57Page - Renesas Technology Corp 116A Datasheet HTML 58Page - Renesas Technology Corp 116A Datasheet HTML 59Page - Renesas Technology Corp 116A Datasheet HTML 60Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 102 page
background image
REJ03B0297-0100
Rev.1.00
Page 56 of 99
Jul 16, 2010
R32C/116A Group
4. Special Function Registers (SFRs)
Table 4.27
SFR List (27)
Address
Register
Symbol
Reset Value
044090h to
0443FFh
044400h I2C Bus Transmit/Receive Shift Register
I2CTRSR
XXh
044401h
044402h I2C Bus Slave Address Register
I2CSAR
00h
044403h I2C Bus Control Register 0
I2CCR0
0000 0000b
044404h I2C Bus Clock Control Register
I2CCCR
0000 0000b
044405h I2C Bus START Condition/STOP Condition Control
Register
I2CSSCR
0000 0000b
044406h I2C Bus Control Register 1
I2CCR1
0000 0000b
044407h I2C Bus Control Register 2
I2CCR2
0000 0000b
044408h I2C Bus Status Register
I2CSR
0000 0000b
044409h
04440Ah
04440Bh
04440Ch
04440Dh
04440Eh
04440Fh
044410h I2C Bus Mode Register
I2CMR
0000 0000b
044411h
044412h
044413h
044414h
044415h
044416h
044417h
044418h
044419h
04441Ah
04441Bh
04441Ch
04441Dh
04441Eh
04441Fh
044420h to
04FFFFh
X: Undefined
Blanks are reserved. No access is allowed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com