Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

116A Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # 116A
Description  RENESAS MCU
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

116A Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button 116A Datasheet HTML 7Page - Renesas Technology Corp 116A Datasheet HTML 8Page - Renesas Technology Corp 116A Datasheet HTML 9Page - Renesas Technology Corp 116A Datasheet HTML 10Page - Renesas Technology Corp 116A Datasheet HTML 11Page - Renesas Technology Corp 116A Datasheet HTML 12Page - Renesas Technology Corp 116A Datasheet HTML 13Page - Renesas Technology Corp 116A Datasheet HTML 14Page - Renesas Technology Corp 116A Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 102 page
background image
REJ03B0297-0100
Rev.1.00
Page 11 of 99
Jul 16, 2010
R32C/116A Group
1. Overview
Table 1.7
Pin Characteristics for the 176-pin Package (2/5)
Pin
No.
Control
Pin
Port
Interrupt
Pin
Timer Pin
UART Pin
Intelligent I/O Pin
Analog
Pin
Bus Control
Pin
37
P7_4
TA2OUT/W CLK8
IIO1_1
38
P17_7
39
P17_6
40
P17_5
41
P17_4
42
P7_3
TA1IN/
VCTS2/RTS2/SS2/TXD8 IIO1_0
43
P7_2
TA1OUT/V CLK2
44
P7_1
TB5IN/
TA0IN
RXD2/SCL2/STXD2/
MSCL
IIO1_7/OUTC2_2/
ISRXD2/IEIN
45
P7_0
TA0OUT
TXD2/SDA2/SRXD2/
MSDA
IIO1_6/OUTC2_0/
ISTXD2/IEOUT
46
P6_7
TXD1/SDA1/SRXD1
47
P14_7
48
P6_6
RXD1/SCL1/STXD1
49
P11_7
50
P6_5
CLK1
51
P6_4
CTS1/RTS1/SS1
OUTC2_1/ISCLK2
52
P6_3
TXD0/SDA0/SRXD0
53
P6_2
TB2IN
RXD0/SCL0/STXD0
54
P6_1
TB1IN
CLK0
55
P6_0
TB0IN
CTS0/RTS0/SS0
56
P19_5
57
P13_7
OUTC2_7
D31
58
P13_6
OUTC2_1/ISCLK2
D30
59
P13_5
OUTC2_2/ISRXD2/
IEIN
D29
60
P13_4
OUTC2_0/ISTXD2/
IEOUT
D28
61
P19_4
62
P5_7
CTS7/RTS7
RDY/CS3
63
P5_6
RXD7
ALE/
CS2
64
P5_5
CLK7
HOLD
65
P5_4
TXD7
HLDA/CS1
66
P13_3
OUTC2_3
D27
67
VSS
68
P13_2
OUTC2_6
D26
69
VCC
70
P13_1
OUTC2_5
D25
71
P13_0
OUTC2_4
D24
72
P5_3
CLKOUT/
BCLK
73
P5_2
RD
74
P5_1
WR1/BC1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com