Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4618EVPBF Datasheet(PDF) 9 Page - Linear Technology

Part # LTM4618EVPBF
Description  6A DC/DC 關Module Regulator with Tracking and Frequency Synchronization
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4618EVPBF Datasheet(HTML) 9 Page - Linear Technology

Back Button LTM4618EVPBF Datasheet HTML 5Page - Linear Technology LTM4618EVPBF Datasheet HTML 6Page - Linear Technology LTM4618EVPBF Datasheet HTML 7Page - Linear Technology LTM4618EVPBF Datasheet HTML 8Page - Linear Technology LTM4618EVPBF Datasheet HTML 9Page - Linear Technology LTM4618EVPBF Datasheet HTML 10Page - Linear Technology LTM4618EVPBF Datasheet HTML 11Page - Linear Technology LTM4618EVPBF Datasheet HTML 12Page - Linear Technology LTM4618EVPBF Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
LTM4618
9
4618f
OPERATION
Power Module Description
The LTM4618 is a standalone non-isolated switching mode
DC/DC power supply. It can deliver up to 6A (DC current)
output with few external input and output capacitors. This
module provides precisely regulated output voltages pro-
grammable via external resistors from 0.8VDC to 5.0VDC
over 4.5V to 26.5V input voltages. The typical application
schematic is shown in Figure 21. For ≤6V inputs, connect
VIN, INTVCC and EXTVCC together.
The LTM4618 has an integrated constant frequency current
mode regulator and built-in power MOSFET devices with
fast switching speed. The typical switching frequency is
750kHz.
With current mode control and internal feedback loop
compensation, the LTM4618 module has sufficient stabil-
ity margins and good transient performance with a wide
range of output capacitors, even with all ceramic output
capacitors.
Current mode control provides cycle-by-cycle fast current
limit and current foldback in a short-circuit condition. Pull-
ing the RUN pin below 1.1V forces the controller into its
shutdown state, by turning off both MOSFETs. The TK/SS
pin can be used for programming the output voltage ramp
and voltage tracking during start-up. See the Applications
Information section.
The LTM4618 is internally compensated to be stable over
all operating conditions. The Linear Technology μModule
Power Design Tool will be provided for transient and
stability analysis. The VFB pin is used to program the
output voltage with a single external resistor to ground.
Multiphase operation can be easily employed with the
synchronization control.
High efficiency at light loads can be accomplished with
selectable Burst Mode or pulse-skipping mode operations
using the MODE/PLLIN pin. Efficiency graphs are provided
for light load operation in the Typical Performance Char-
acteristics section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com