Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4618EVPBF Datasheet(PDF) 18 Page - Linear Technology

Part # LTM4618EVPBF
Description  6A DC/DC 關Module Regulator with Tracking and Frequency Synchronization
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4618EVPBF Datasheet(HTML) 18 Page - Linear Technology

Back Button LTM4618EVPBF Datasheet HTML 14Page - Linear Technology LTM4618EVPBF Datasheet HTML 15Page - Linear Technology LTM4618EVPBF Datasheet HTML 16Page - Linear Technology LTM4618EVPBF Datasheet HTML 17Page - Linear Technology LTM4618EVPBF Datasheet HTML 18Page - Linear Technology LTM4618EVPBF Datasheet HTML 19Page - Linear Technology LTM4618EVPBF Datasheet HTML 20Page - Linear Technology LTM4618EVPBF Datasheet HTML 21Page - Linear Technology LTM4618EVPBF Datasheet HTML 22Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
LTM4618
18
4618f
APPLICATIONS INFORMATION
4618 F18
VIDEO BANDWIDTH
150kHz
10dB/μV
PER DIV
100MHz
Figure 18. VIN 26.5V, VOUT 3.3V, IOUT 5A,
π Filter 20μF to 0.22μH Vishay (1616BZ) to 20μF
CISPR25 Conducted Emissions
4618 F19a
FREQUENCY (MHz)
0
1000
900
800
700
600
500
400
5
15
25
35
45
55
300
200
100
CISPR22
CLASS A
Figure 19. VIN 26.5V, VOUT 3.3V, IOUT 5A,
π Filter 20μF to 0.22μH Vishay (1616BZ) to 20μF
CISPR22 Radiated EMI Plots
4618 F19b
FREQUENCY (MHz)
0
1000
900
800
700
600
500
400
5
15
25
35
45
55
300
200
100
CISPR22
CLASS B
Figure 17. 6V to 26.5V Input, 3.3V at 6A Design,
Meeting CISPR25 Conducted and CISPR22 Radiated EMI Solution
4618 F17
VIN
COMP
TK/SS
RUN
FREQ
VOUT
VFB
PGOOD
VISHAY INLP1616BZERR22M01
π FILTER
MODE/PLLIN
INTVCC
EXTVCC
LTM4618
SGND
0.22μH
PGND
SW
19.1k
COUT
100μF
3
CSNUB
470pF
0805, 50V
RSNUB
1.2Ω 0805
C2
47pF
VOUT
3.3V/6A
C1
0.1μF
CIN
10μF
2
10μF
2
VIN
6V TO 26.5V
R2
R1
VIN
VIN
R2
R1 R2
1.22V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com