Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4618EVPBF Datasheet(PDF) 16 Page - Linear Technology

Part # LTM4618EVPBF
Description  6A DC/DC 關Module Regulator with Tracking and Frequency Synchronization
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4618EVPBF Datasheet(HTML) 16 Page - Linear Technology

Back Button LTM4618EVPBF Datasheet HTML 12Page - Linear Technology LTM4618EVPBF Datasheet HTML 13Page - Linear Technology LTM4618EVPBF Datasheet HTML 14Page - Linear Technology LTM4618EVPBF Datasheet HTML 15Page - Linear Technology LTM4618EVPBF Datasheet HTML 16Page - Linear Technology LTM4618EVPBF Datasheet HTML 17Page - Linear Technology LTM4618EVPBF Datasheet HTML 18Page - Linear Technology LTM4618EVPBF Datasheet HTML 19Page - Linear Technology LTM4618EVPBF Datasheet HTML 20Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
LTM4618
16
4618f
APPLICATIONS INFORMATION
Figure 13. 12VIN to 3.3VOUT without
Heat Sink
Figure 14. 12VIN to 3.3VOUT with
Heat Sink
AMBIENT TEMPERATURE (°C)
60
6
3
4
5
1
2
0
100 105
95
80 85
4618 F13
110
90
70
65
75
0LFM
200LFM
400LFM
AMBIENT TEMPERATURE (°C)
60 65
75
85
95
105
6
3
4
5
1
2
0
100
80
4618 F14
110
90
70
0LFM
200LFM
400LFM
Figure 15. 24VIN to 3.3VOUT
without Heat Sink
Figure 16. 24VIN to 3.3VOUT with
Heat Sink
AMBIENT TEMPERATURE (°C)
60
6
3
4
5
1
2
0
100
80
85
4618 F15
105
90
95
70
75
65
0LFM
200LFM
400LFM
AMBIENT TEMPERATURE (°C)
60
6
3
4
5
1
2
0
100
80
85
4618 F16
105
90
95
70
75
65
0LFM
200LFM
400LFM
Figure 11. 12VIN to 1.5VOUT
without Heat Sink
Figure 12. 12VIN to 1.5VOUT with
Heat Sink
AMBIENT TEMPERATURE (°C)
70
6
3
4
5
1
2
0
110
105
90
95
4618 F11
115
100
80
75
85
0LFM
200LFM
400LFM
AMBIENT TEMPERATURE (°C)
70
6
3
4
5
1
2
0
110
105
90
95
4618 F12
115
100
80
75
85
0LFM
200LFM
400LFM
Figure 10. 5VIN to 1.5VOUT with
Heat Sink
AMBIENT TEMPERATURE (°C)
70
6
3
4
5
1
2
0
110
105
90
95
4618 F10
115
100
80
75
85
0LFM
200LFM
400LFM
Figure 9. 5VIN to 1.5VOUT without
Heat Sink
AMBIENT TEMPERATURE (°C)
70
75
6
3
4
5
1
2
0
110
90
95
4618 F09
115
100 105
80
85
0LFM
200LFM
400LFM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com