Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4618EVPBF Datasheet(PDF) 4 Page - Linear Technology

Part # LTM4618EVPBF
Description  6A DC/DC 關Module Regulator with Tracking and Frequency Synchronization
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4618EVPBF Datasheet(HTML) 4 Page - Linear Technology

  LTM4618EVPBF Datasheet HTML 1Page - Linear Technology LTM4618EVPBF Datasheet HTML 2Page - Linear Technology LTM4618EVPBF Datasheet HTML 3Page - Linear Technology LTM4618EVPBF Datasheet HTML 4Page - Linear Technology LTM4618EVPBF Datasheet HTML 5Page - Linear Technology LTM4618EVPBF Datasheet HTML 6Page - Linear Technology LTM4618EVPBF Datasheet HTML 7Page - Linear Technology LTM4618EVPBF Datasheet HTML 8Page - Linear Technology LTM4618EVPBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
LTM4618
4
4618f
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
fHIGH
Highest Frequency
VFREQ ≥ 2.4V, INTVCC
700
780
860
kHz
VIH(MODE/PLLIN)
Synchronous Clock High Level
2.0
V
VIL(MODE/PLLIN)
Synchronous Clock Low Level
0.8
V
RMODE/PLLIN
MODE/PLLIN Input Resistance
250
IFREQ
FREQ Pin
Sinking Current
Sourcing Current
fMODE/PLLIN > fOSC
fMODE/PLLIN < fOSC
–13
13
μA
μA
VRUN
RUN Pin On Threshold
RUN Rising
1.1
1.22
1.35
V
VRUN Hysteresis
RUN Pin Hysteresis
120
mV
RFBHI
Resistor Between VOUT and VFB Pins
60.1
60.4
60.7
PGOOD Output
VPGL
PGOOD Voltage Low
IPGOOD = 2mA
0.1
0.3
V
IPGOOD
PGOOD Leakage Current
VPGOOD = 5V
±2
μA
VPG
PGOOD Trip Level
VFB with Respect to Set Regulated Voltage
VFB Ramping Negative
VFB Ramping Positive
–5
5
–7.5
7.5
–10
10
%
%
The
l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C (Note 2), VIN = 12V, per typical application in Figure 21.
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LTM4618 is tested under pulsed load conditions such that
TJ ≈ TA. The LTM4618E is guaranteed to meet performance specifications
over the 0°C to 125°C operating junction temperature range. Specifications
over the full –40°C to 125°C operating junction temperature range are
assured by design, characterization and correlation with statistical process
controls. The LTM4618I is guaranteed to meet specifications over the full
operating junction temperature range. Note that the maximum ambient
temperature consistent with these specifications is determined by specific
operating conditions in conjunction with board layout, the rated package
thermal resistance and other environmental factors.
Note 3: 100% tested at wafer level only.
Note 4: See Output Current Derating curves for different VIN, VOUT and TA.
Note 5: For input voltages less than 6V, tie the VIN, INTVCC and EXTVCC
together. The LTM4618 will operate from 5V inputs, but VIN, INTVCC and
EXTVCC need to be tied together.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com