Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4618EVPBF Datasheet(PDF) 1 Page - Linear Technology

Part # LTM4618EVPBF
Description  6A DC/DC 關Module Regulator with Tracking and Frequency Synchronization
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4618EVPBF Datasheet(HTML) 1 Page - Linear Technology

  LTM4618EVPBF Datasheet HTML 1Page - Linear Technology LTM4618EVPBF Datasheet HTML 2Page - Linear Technology LTM4618EVPBF Datasheet HTML 3Page - Linear Technology LTM4618EVPBF Datasheet HTML 4Page - Linear Technology LTM4618EVPBF Datasheet HTML 5Page - Linear Technology LTM4618EVPBF Datasheet HTML 6Page - Linear Technology LTM4618EVPBF Datasheet HTML 7Page - Linear Technology LTM4618EVPBF Datasheet HTML 8Page - Linear Technology LTM4618EVPBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
LTM4618
1
4618f
TYPICAL APPLICATION
DESCRIPTION
6A DC/DC µModule
Regulator with Tracking and
Frequency Synchronization
The LTM®4618 is a complete 6A output switching mode
DC/DC power supply in a 9mm
× 15mm × 4.32mm LGA
package. Included in the package are the switching con-
troller, power FETs, inductor and all support components.
Operating over an input voltage range of 4.5V to 26.5V,
the LTM4618 supports an output voltage range of 0.8V
to 5V set by a single external resistor. Its high efficiency
design delivers 6A continuous current (8A peak). Only a
few input and output capacitors are needed.
High switching frequency and a current mode architecture
enable a very fast transient response to line and load
changes without sacrificing stability. The device supports
frequency synchronization and output voltage tracking for
supply rail sequencing. Burst Mode operation or pulse-
skipping mode can be selected for light load operations.
Fault protection features include overvoltage protection,
overcurrent protection and foldback current limit for
short-circuit protection.
The LTM4618 is Pb-free and RoHS compliant.
L, LT, LTC, LTM, Linear Technology, the Linear logo, Burst Mode and μModule are registered
trademarks of Linear Technology Corporation. All other trademarks are the property of their
respective owners.
2.5V/6A DC/DC Power μModule
® with 6V to 26.5V Input
FEATURES
APPLICATIONS
n Complete Standalone Power Supply
n Wide Input Voltage Range: 4.5V to 26.5V
n 6A DC Typical, 8A Peak Output Current
n 0.8V to 5V Output
n Output Voltage Tracking
n ±1.75% Maximum Total DC Error
n Current Mode Control/Fast Transient Response
n Phase-Lockable Fixed Frequency 250kHz to 780kHz
n On-Board Frequency Synchronization
n Selectable Burst Mode® Operation
n Power Good Voltage Indicator
n Output Overvoltage Protection
n Output Current Foldback Limiting
n 9mm
× 15mm × 4.32mm LGA Package
n Telecom and Networking Equipment
n Servers
n Storage Cards
n ATCA Cards
n Industrial Equipment
n Point of Load Regulation
n Medical Systems
Efficiency and Power Loss vs Load Current
LOAD CURRENT (A)
0
95
90
80
85
75
70
3.0
2.5
1.5
2.0
1.0
0
0.5
4
2
4618 TA01b
6
3
15
POWER LOSS
EFFICIENCY
12VIN TO 2.5VOUT
24VIN TO 2.5VOUT
4618 TA01
VIN
COMP
TK/SS
RUN
FREQ
VOUT
VFB
PGOOD
INTVCC EXTVCC
MODE/PLLIN
LTM4618
SGND
PGND
28.7k
COUT
VOUT
2.5V/6A
0.1μF
CIN
VIN
6V to 26.5V


Similar Part No. - LTM4618EVPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4618EV LINER-LTM4618EV Datasheet
1Mb / 8P
6A Step-Down Power 關Module Regulator
More results

Similar Description - LTM4618EVPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4603 LINER-LTM4603 Datasheet
340Kb / 24P
6A DC/DC 關Module with PLL, Output Tracking and Margining
LTM4603HV LINER-LTM4603HV Datasheet
338Kb / 24P
6A, 28VIN DC/DC 關Module with PLL, Output Tracking and Margining
LTM4608 LINER-LTM4608 Datasheet
306Kb / 24P
Low VIN, 8A DC/DC 關ModuleTM with Tracking, Margining, and Frequency Synchronization
LTM4608A LINER-LTM4608A Datasheet
348Kb / 24P
Low VIN, 8A DC/DC 關Module with Tracking, Margining, and Frequency Synchronization
LTM4608 LINER-LTM4608_1 Datasheet
574Kb / 26P
Low VIN, 8A DC/DC Module Regulator with Tracking, Margining, and Frequency Synchronization
LTM4608A LINER-LTM4608A_1 Datasheet
738Kb / 26P
Low VIN, 8A DC/DC Module Regulator with Tracking, Margining, and Frequency Synchronization
LTM4608A LINER-LTM4608A_15 Datasheet
393Kb / 26P
Low VIN, 8A DC/DC Module Regulator with Tracking, Margining, and Frequency Synchronization
LTM4618 LINER-LTM4618_15 Datasheet
339Kb / 24P
6A DC/DC Module Regulator with Tracking and Frequency Synchronization
LTM4603 LINER-LTM4603_15 Datasheet
448Kb / 26P
20V, 6A DC/DC Module Regulator with PLL, Output Tracking and Margining
LTM4603-1 LINER-LTM4603-1_15 Datasheet
448Kb / 26P
20V, 6A DC/DC Module Regulator with PLL, Output Tracking and Margining
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com