Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4618EVPBF Datasheet(PDF) 14 Page - Linear Technology

Part # LTM4618EVPBF
Description  6A DC/DC 關Module Regulator with Tracking and Frequency Synchronization
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4618EVPBF Datasheet(HTML) 14 Page - Linear Technology

Back Button LTM4618EVPBF Datasheet HTML 10Page - Linear Technology LTM4618EVPBF Datasheet HTML 11Page - Linear Technology LTM4618EVPBF Datasheet HTML 12Page - Linear Technology LTM4618EVPBF Datasheet HTML 13Page - Linear Technology LTM4618EVPBF Datasheet HTML 14Page - Linear Technology LTM4618EVPBF Datasheet HTML 15Page - Linear Technology LTM4618EVPBF Datasheet HTML 16Page - Linear Technology LTM4618EVPBF Datasheet HTML 17Page - Linear Technology LTM4618EVPBF Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
LTM4618
14
4618f
APPLICATIONS INFORMATION
is really the sum of the
θJCbottom and the thermal re-
sistance of the bottom of the part through the solder
joints and through a portion of the board. The board
temperature is measured at specified distance from
the package, using a two sided, two layer board.
This board is described in JESD 51-9.
A graphical representation of the forementioned thermal
resistances is given in Figure 6; blue resistances are con-
tained within the μModule, whereas green resistances are
external to the μModule.
As a practical matter, it should be clear to the reader that
no individual or sub-group of the four thermal resistance
parameters defined by JESD 51-12 or provided in the
Pin Configuration section replicates or conveys normal
operating conditions of a μModule. For example, in actual
board-mounted applications, never does 100% of the
device’s total power loss (heat) thermally conduct exclu-
sively through the top or exclusively through bottom of the
μModule—as the standard defines for
θJCtopandθJCbottom,
respectively. In practice, power loss is thermally dissipated
in both directions away from the package—granted, in the
absence of a heat sink and airflow, a majority of the heat
flow is into the board.
Within a SIP (System-In-Package) module, be aware there
are multiple power devices and components dissipating
power, with a consequence that the thermal resistances
relative to different junctions of components or die are not
exactly linear with respect to total package power loss. To
reconcile this complication without sacrificing modeling
simplicity—but also, not ignoring practical realities—an
approach has been taken using FEA software modeling
along with laboratory testing in a controlled-environment
chamber to reasonably define and correlate the thermal
resistance values supplied in this data sheet: (1) Initially,
FEA software is used to accurately build the mechanical
geometry of the μModule and the specified PCB with all
of the correct material coefficients along with accurate
power loss source definitions; (2) this model simulates
a software-defined JEDEC environment consistent with
JSED51-9 to predict power loss heat flow and temperature
readings at different interfaces that enable the calculation
of the JEDEC-defined thermal resistance values; (3) the
model and FEA software is used to evaluate the μModule
with heat sinks and airflow; (4) having solved for and
analyzed these thermal resistance values and simulated
various operating conditions in the software model, a
thorough laboratory evaluation replicates the simulated
conditions with thermocouples within a controlled-envi-
ronment chamber while operating the device at the same
power loss as that which was simulated. An outcome of
this process and due-diligence yields a set of derating
curves provided in other sections of this data sheet. After
these laboratory tests have been performed and correlated
to the μModule model, then the
θJB and θBA are summed
together to correlate quite well with the μModule model
with no air flow or heat sinking in a properly define cham-
ber. This
θJB+ θBA value is shown in the Pin Configuration
section and should accurately equal the
θJA value because
approximately 100% of power loss flows from the junc-
tion through the board into ambient with no airflow or top
mounted heat sink.
4618 F06
μMODULE DEVICE
JUNCTION-TO-CASE (TOP)
RESISTANCE
JUNCTION-TO-BOARD RESISTANCE
JUNCTION-TO-AMBIENT RESISTANCE (JESD 51-9 DEFINED BOARD)
CASE (TOP)-TO-AMBIENT
RESISTANCE
BOARD-TO-AMBIENT
RESISTANCE
JUNCTION-TO-CASE
(BOTTOM) RESISTANCE
JUNCTION
At
CASE (BOTTOM)-TO-BOARD
RESISTANCE
Figure 6. Graphical Representation of JESD51-12 Thermal Coefficients



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com