Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4618EVPBF Datasheet(PDF) 6 Page - Linear Technology

Part # LTM4618EVPBF
Description  6A DC/DC 關Module Regulator with Tracking and Frequency Synchronization
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4618EVPBF Datasheet(HTML) 6 Page - Linear Technology

Back Button LTM4618EVPBF Datasheet HTML 2Page - Linear Technology LTM4618EVPBF Datasheet HTML 3Page - Linear Technology LTM4618EVPBF Datasheet HTML 4Page - Linear Technology LTM4618EVPBF Datasheet HTML 5Page - Linear Technology LTM4618EVPBF Datasheet HTML 6Page - Linear Technology LTM4618EVPBF Datasheet HTML 7Page - Linear Technology LTM4618EVPBF Datasheet HTML 8Page - Linear Technology LTM4618EVPBF Datasheet HTML 9Page - Linear Technology LTM4618EVPBF Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
LTM4618
6
4618f
Short-Circuit Protection,
IOUT = 0A
Short-Circuit Protection,
IOUT = 6A
VOUT
1V/DIV
IIN
1A/DIV
4618 G12
100μs/DIV
VIN = 12V AND VOUT = 2.5V
COUT = 2 22μF 6.3V CERAMIC,
1 100μF 6.3V CERAMIC AND
1 220μF SANYO POSCAP
VOUT
1V/DIV
IIN
1A/DIV
4618 G13
100μs/DIV
VIN = 12V AND VOUT = 2.5V
COUT = 2 22μF 6.3V CERAMIC,
1 100μF 6.3V CERAMIC AND
1 220μF SANYO POSCAP
TYPICAL PERFORMANCE CHARACTERISTICS
Start-Up, IOUT = 0A
Start-Up, IOUT = 6A
VOUT
1V/DIV
IIN
0.2A/DIV
4618 G10
20ms/DIV
VIN = 12V AND VOUT = 2.5V
COUT = 2 22μF 6.3V CERAMIC,
1 100μF 6.3V CERAMIC AND
1 220μF SANYO POSCAP
CSOFT-START = 0.1μF
VOUT
1V/DIV
IIN
0.5A/DIV
4618 G11
20ms/DIV
VIN = 12V AND VOUT = 2.5V
COUT = 2 22μF 6.3V CERAMIC,
1 100μF 6.3V CERAMIC AND
1 220μF SANYO POSCAP
CSOFT-START = 0.1μF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com