Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4618EVPBF Datasheet(PDF) 20 Page - Linear Technology

Part # LTM4618EVPBF
Description  6A DC/DC 關Module Regulator with Tracking and Frequency Synchronization
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4618EVPBF Datasheet(HTML) 20 Page - Linear Technology

Back Button LTM4618EVPBF Datasheet HTML 16Page - Linear Technology LTM4618EVPBF Datasheet HTML 17Page - Linear Technology LTM4618EVPBF Datasheet HTML 18Page - Linear Technology LTM4618EVPBF Datasheet HTML 19Page - Linear Technology LTM4618EVPBF Datasheet HTML 20Page - Linear Technology LTM4618EVPBF Datasheet HTML 21Page - Linear Technology LTM4618EVPBF Datasheet HTML 22Page - Linear Technology LTM4618EVPBF Datasheet HTML 23Page - Linear Technology LTM4618EVPBF Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
LTM4618
20
4618f
Figure 21. Typical 6V to 26.5V Input, 2.5V at 6A Design, 500kHz Operation
TYPICAL APPLICATIONS
4618 F21
VIN
COMP
TK/SS
RUN
FREQ
VOUT
VFB
PGOOD
MODE/PLLIN
INTVCC
EXTVCC
LTM4618
SGND
PGND
10k
28.7k
31.6k
COUT
100μF
3
C2
47pF
VOUT
2.5V/6A
C1
0.1μF
CIN
10μF
2
VIN
6V TO 26.5V
R2
UVLO FUNCTION
R1
VIN
VIN
R2
R1 R2
1.22V
Figure 22. Two LTM4618 Parallel, 2.5V at 12A Design
4618 F22
VIN
COMP
TK/SS
RUN
FREQ
VOUT
VFB
INTVCC
MODE/PLLIN
PGOOD
LTM4618
SGND
PGND EXTVCC
R4
14.3k
COUT
100μF
4
C4
47pF
VOUT
2.5V/12A
VIN
COMP
TK/SS
RUN
FREQ
VOUT
VFB
INTVCC
MODE/PLLIN
EXTVCC
PGOOD
LTM4618
SGND
PGND
C3
0.47μF
CIN1
10μF
VIN
6V TO 26.5V
ON/OFF
V+
GND
SET
OUT1
OUT2
MOD
LTC6908-1
2-PHASE OSCILLATOR
C5
0.1μF
WITH CLOCK SYNC,
SOFT-START THE REGULATOR FOR APPROXIMATELY 100ms
R5
165k
CIN2
10μF
CLOCK SYNC
180° PHASE
CLOCK SYNC
0° PHASE
C3
100ms • 2 • 1.3μA
0.8V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com