Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AL8805 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # AL8805
Description  HIGH EFFICIENCY 30V 1A BUCK LED DRIVER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL8805 Datasheet(HTML) 5 Page - Diodes Incorporated

  AL8805 Datasheet HTML 1Page - Diodes Incorporated AL8805 Datasheet HTML 2Page - Diodes Incorporated AL8805 Datasheet HTML 3Page - Diodes Incorporated AL8805 Datasheet HTML 4Page - Diodes Incorporated AL8805 Datasheet HTML 5Page - Diodes Incorporated AL8805 Datasheet HTML 6Page - Diodes Incorporated AL8805 Datasheet HTML 7Page - Diodes Incorporated AL8805 Datasheet HTML 8Page - Diodes Incorporated AL8805 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
AL8805
HIGH EFFICIENCY 30V 1A BUCK LED DRIVER
AL8805
Document number: DS35030 Rev. 1 - 2
5 of 16
www.diodes.com
September 2010
© Diodes Incorporated
Typical Performance Characteristics Continued (TA = 25°C unless otherwise stated)
VIN = 12V
1LED
RSET = 150mΩ
L = 68µH
ILED
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0%
20%
40%
60%
80%
100%
PWM Duty Cycle
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
LED Current Error
Figure 7. ILED vs PWM duty cycle
0
50
100
150
200
250
300
0
5
10
15
20
25
30
VIN (V)
VCTRL = Open
VSET = VIN
TA = 25°C
Figure 8. SW RDS(ON) vs input voltage
100
150
200
250
300
350
400
-40
-15
10
35
60
85
110
Ambient Temperature (°C)
VCTRL = Open
VSET = VIN = 12V
F
igure 9. SW RDS(ON) vs temperature
VSENSE
VSW
80
85
90
95
100
105
110
115
120
125
130
02
468
Time (µs)
-2
0
2
4
6
8
10
12
14
16
18
RSET = 150mΩ
L = 68µH
VIN = 12V
1LED Load
Figure 10. SW Output switching characteristics
ILED
VSW
VCTRL
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
0
50
100
150
200
Time (µs)
0
2
4
6
8
10
12
14
16
18
20
RSET = 150mΩ, L = 68µH, VIN = 12V, 1 LED Load, TA = 25°C
Duty Cycle = 5%
Figure 11. PWM dimming
0%
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
6
9
12
15
18
21
24
27
30
Input voltage (V)
L = 33µH
RS = 150mΩ
TA = 25°C
2 LED
Figure 12. Duty cycle vs Input voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com