Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AL8805 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AL8805
Description  HIGH EFFICIENCY 30V 1A BUCK LED DRIVER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL8805 Datasheet(HTML) 4 Page - Diodes Incorporated

  AL8805 Datasheet HTML 1Page - Diodes Incorporated AL8805 Datasheet HTML 2Page - Diodes Incorporated AL8805 Datasheet HTML 3Page - Diodes Incorporated AL8805 Datasheet HTML 4Page - Diodes Incorporated AL8805 Datasheet HTML 5Page - Diodes Incorporated AL8805 Datasheet HTML 6Page - Diodes Incorporated AL8805 Datasheet HTML 7Page - Diodes Incorporated AL8805 Datasheet HTML 8Page - Diodes Incorporated AL8805 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
AL8805
HIGH EFFICIENCY 30V 1A BUCK LED DRIVER
AL8805
Document number: DS35030 Rev. 1 - 2
4 of 16
www.diodes.com
September 2010
© Diodes Incorporated
Typical Performance Characteristics (TA = 25°C unless otherwise stated)
0
50
100
150
200
250
300
350
400
0
5
10
15
20
25
30
VIN (V)
VCTRL = 0V
VSET = VIN
TA = 25°C
Figure 1 Supply current (not switching) vs Input voltage
L=33µH
L=68µH
L=100µH
0
100
200
300
400
500
600
700
800
900
01
2
34
5
VCTRL
VIN = 12V
1 LED
RSET = 150mΩ
TA = 25°C
Figure 2. switching frequency vs VCTRL
RSET = 150mΩ
RSET = 300mΩ
RSET = 100mΩ
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
012345
VCTRL (V)
VIN = 12V
1 LED
L = 68µH
TA = 25°C
Figure 3. LED current vs VCTRL
-60
-40
-20
0
20
40
60
80
0.00.5
1.01.5
2.02.5
3.03.5
4.04.5
5.05.5
VCTRL (V)
VSET = VIN = 12V
TA = 25°C
Figure 4. ICTRL vs VCTRL
0
0.5
1
1.5
2
2.5
3
0
5
10
15
20
25
30
VIN (V)
VCTRL = Open
VSET = VIN
TA = 25°C
Figure 5. VCTRL vs Input voltage
(CTRL pin open circuit)
2.48
2.49
2.50
2.51
2.52
-40
-15
10
35
60
85
110
Ambient Temperature (°C)
VCTRL = Open
VSET = VIN = 12V
F
igure 6. VCTRL vs temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com