Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AL8805 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AL8805
Description  HIGH EFFICIENCY 30V 1A BUCK LED DRIVER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL8805 Datasheet(HTML) 3 Page - Diodes Incorporated

  AL8805 Datasheet HTML 1Page - Diodes Incorporated AL8805 Datasheet HTML 2Page - Diodes Incorporated AL8805 Datasheet HTML 3Page - Diodes Incorporated AL8805 Datasheet HTML 4Page - Diodes Incorporated AL8805 Datasheet HTML 5Page - Diodes Incorporated AL8805 Datasheet HTML 6Page - Diodes Incorporated AL8805 Datasheet HTML 7Page - Diodes Incorporated AL8805 Datasheet HTML 8Page - Diodes Incorporated AL8805 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
AL8805
HIGH EFFICIENCY 30V 1A BUCK LED DRIVER
AL8805
Document number: DS35030 Rev. 1 - 2
3 of 16
www.diodes.com
September 2010
© Diodes Incorporated
Electrical Characteristics
VIN =12V, TA=25
oC, unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ.
Max
Unit
VINSU
Internal regulator start up threshold VIN rising
5.9
V
VINSH
Internal regulator hysteresis
threshold
VIN falling
100
300
mV
IQ
Quiescent current
Output not switching
‡
350
µA
IS
Input supply Current
CTRL pin floating f = 250kHz
1.8
5
mA
VTH
Set current Threshold Voltage
95
100
105
mV
VTH-H
Set threshold hysteresis
±20
mV
ISET
SET pin input current
VSET = VIN-0.1
16
22
µA
RCTRL
CTRL pin input resistance
Referred to internal reference
50
k
Ω
VREF
Internal Reference Voltage
2.5
V
RDS(on)
On Resistance of SW MOSFET
ISW = 1A
0.25
0.4
Ω
ISW_Leakage
Switch leakage current
VIN =30V
0.5
μA
fOSC
Switching Frequency
1
MHz
θ
JA
Thermal Resistance Junction-to-
Ambient
SOT25 (Note 3)
250
°C/W
Notes: 2.
Refer to figure 34 for the device derating curve.
3.
Test condition for SOT25: Device mounted on FR-4 PCB (25mm x 25mm 1oz copper, minimum recommended pad layout on top
layer and thermal vias to bottom layer ground plane. For better thermal performance, larger copper pad for heat-sink is needed.
‡
AL8805 does not have a low power standby mode but current consumption is reduced when output switch is inhibited:
VSENSE = 0V. Parameter is tested with VCTRL ≤ 2.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com