Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AL8805 Datasheet(PDF) 12 Page - Diodes Incorporated

Part # AL8805
Description  HIGH EFFICIENCY 30V 1A BUCK LED DRIVER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL8805 Datasheet(HTML) 12 Page - Diodes Incorporated

Back Button AL8805 Datasheet HTML 8Page - Diodes Incorporated AL8805 Datasheet HTML 9Page - Diodes Incorporated AL8805 Datasheet HTML 10Page - Diodes Incorporated AL8805 Datasheet HTML 11Page - Diodes Incorporated AL8805 Datasheet HTML 12Page - Diodes Incorporated AL8805 Datasheet HTML 13Page - Diodes Incorporated AL8805 Datasheet HTML 14Page - Diodes Incorporated AL8805 Datasheet HTML 15Page - Diodes Incorporated AL8805 Datasheet HTML 16Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
AL8805
HIGH EFFICIENCY 30V 1A BUCK LED DRIVER
AL8805
Document number: DS35030 Rev. 1 - 2
12 of 16
www.diodes.com
September 2010
© Diodes Incorporated
Applications Information (cont.)
Reducing output ripple
Peak to peak ripple current in the LED(s) can be reduced, if
required, by shunting a capacitor C2 across the LED(s) as
shown already in the circuit schematic.
A value of 1
μF will reduce the supply ripple current by a
factor three (approx.). Proportionally lower ripple can be
achieved with higher capacitor values. Note that the
capacitor will not affect operating frequency or efficiency,
but it will increase start-up delay, by reducing the rate of rise
of LED voltage. By adding this capacitor the current
waveform through the LED(s) changes from a triangular
ramp to a more sinusoidal version without altering the mean
current value.
Capacitor Selection
The small size of ceramic capacitors makes them ideal for
AL8805 applications. X5R and X7R types are recommended
because they retain their capacitance over wider voltage
and temperature ranges than other types such as Z5U.
A 2.2
μF input capacitor is sufficient for most intended
applications of AL8805; however a 4.7
μF input capacitor is
suggested for input voltages approaching 30V.
Diode Selection
For maximum efficiency and performance, the rectifier (D1)
should be a fast low capacitance Schottky diode with low
reverse leakage at the maximum operating voltage and
temperature.
The Schottky diode also provides better
efficiency than silicon PN diodes, due to a combination of
lower forward voltage and reduced recovery time.
It is important to select parts with a peak current rating
above the peak coil current and a continuous current rating
higher than the maximum output load current. In particular,
it is recommended to have a diode voltage rating at least
15% higher than the operating voltage to ensure safe
operation during the switching and a current rating at least
10% higher than the average diode current.
The power
rating is verified by calculating the power loss through the
diode.
Schottky diodes, e.g. B240 or B140, with their low forward
voltage drop and fast reverse recovery, are the ideal choice
for AL8805 applications.
Thermal and layout considerations
For continuous conduction mode of operation, the absolute
maximum junction temperature must not be exceeded. The
maximum power dissipation depends on several factors: the
thermal resistance of the IC package
θ
JA,
PCB layout,
airflow surrounding the IC, and difference between junction
and ambient temperature.
The maximum power dissipation can be calculated using the
following formula:
PD(MAX) = (TJ(MAX) − TA) / θJA
where
TJ(MAX) is the maximum operating junction
temperature,
TA is the ambient temperature, and
θ
JA is the junction to ambient thermal resistance.
The
recommended
maximum
operating
junction
temperature, TJ, is 125°C and so maximum ambient
temperature is determined by the AL8805’s junction to
ambient thermal resistance,
θ
JA.
θ
JA,
is layout dependent and the AL8805’s
θ
JA
on a
25x25mm single layer PCB with 1oz copper standing in still
air is approximately 250°C/W (160°C/W on a four-layer
PCB).
The maximum power dissipation at TA = 25°C can be
calculated by the following formulas:
PD(MAX) = (125°C − 25°C) / (250°C/W) = 0.4W for single-
layer PCB
PD(MAX) = (125°C − 25°C) / (160°C/W) = 0.625W for standard
four-layer PCB
Figure 34, shows the power derating of the AL8805 on two
(one single-layer and four-layer) different 25x25mm PCB
with 1oz copper standing in still air.
Figure 34. Derating Curve for different PCB
Figure 35 gives details about the PCB layout suggestions:
1.
the capacitor C1 has to be placed as close as
possible to VIN
2.
The sense resistor R1 has to be placed as close as
possible to VIN and SET
3.
The D1 anode, the SW pin and the inductor have
to be placed as close as possible to avoid ringing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com