Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AL8805 Datasheet(PDF) 14 Page - Diodes Incorporated

Part # AL8805
Description  HIGH EFFICIENCY 30V 1A BUCK LED DRIVER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL8805 Datasheet(HTML) 14 Page - Diodes Incorporated

Back Button AL8805 Datasheet HTML 8Page - Diodes Incorporated AL8805 Datasheet HTML 9Page - Diodes Incorporated AL8805 Datasheet HTML 10Page - Diodes Incorporated AL8805 Datasheet HTML 11Page - Diodes Incorporated AL8805 Datasheet HTML 12Page - Diodes Incorporated AL8805 Datasheet HTML 13Page - Diodes Incorporated AL8805 Datasheet HTML 14Page - Diodes Incorporated AL8805 Datasheet HTML 15Page - Diodes Incorporated AL8805 Datasheet HTML 16Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
AL8805
HIGH EFFICIENCY 30V 1A BUCK LED DRIVER
AL8805
Document number: DS35030 Rev. 1 - 2
14 of 16
www.diodes.com
September 2010
© Diodes Incorporated
Application Information (cont.)
Table 1. MR16 application example Bill of Material
QUANTITY
PCB IDENT
VALUE
DESCRIPTION
SUGGESTED
SOURCES
1
U1
AL8805
LED Driver IC
Diodes Zetex
1
D1,
DFLS240L
freewheeling diode
Diodes Zetex
4
D2, D3, D4, D5
SBR2A40
Input bridge
Diodes Zetex
1
R1
0R15
Resistor, 0805, +/-1% <+/-300ppm Generic
KOA SR732ATTDR150F
Kemet
1
C1
150uF 20V
SMD tantalum Kemet D case, T491X157K020AT
Kemet
0
C2
-
Not fitted
1
C3
100nF >=25V
X7R 0805 Generic Kemet C0805C104K5RAC (50v)
NIC NMC0805X7R104K50TRPF (50v)
Kemet
NIC Components
1
C4
1uF >=25V
X7R 1206 Generic Kemet C1206105K5RAC7800 (50v)
NIC NMC1206X7R105K50F (50v)
Kemet
NIC Components
1
L1
33µH
LPS6235 - 333MLB
Coilcraft



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com