Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AL8805 Datasheet(PDF) 6 Page - Diodes Incorporated

Part # AL8805
Description  HIGH EFFICIENCY 30V 1A BUCK LED DRIVER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL8805 Datasheet(HTML) 6 Page - Diodes Incorporated

Back Button AL8805 Datasheet HTML 2Page - Diodes Incorporated AL8805 Datasheet HTML 3Page - Diodes Incorporated AL8805 Datasheet HTML 4Page - Diodes Incorporated AL8805 Datasheet HTML 5Page - Diodes Incorporated AL8805 Datasheet HTML 6Page - Diodes Incorporated AL8805 Datasheet HTML 7Page - Diodes Incorporated AL8805 Datasheet HTML 8Page - Diodes Incorporated AL8805 Datasheet HTML 9Page - Diodes Incorporated AL8805 Datasheet HTML 10Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
AL8805
HIGH EFFICIENCY 30V 1A BUCK LED DRIVER
AL8805
Document number: DS35030 Rev. 1 - 2
6 of 16
www.diodes.com
September 2010
© Diodes Incorporated
Typical Performance Characteristics Continued (TA = 25°C unless otherwise stated)
L = 100µH
RS = 150mΩ
T
A = 25°C
1 LED
2 LEDs
3 LEDs
4 LEDs
5 LEDs
6 LEDs
7 LEDs
8 LEDs
80%
82%
84%
86%
88%
90%
92%
94%
96%
98%
100%
6
9
12
15
18
21
24
27
30
Input voltage (V)
Figure 13. Efficiency vs Input voltage
1 LED
2 LEDs
3 LEDs
4 LEDs
5 LEDs
6 LEDs
7 LEDs 8 LEDs
0.27
0.29
0.31
0.33
0.35
0.37
0.39
6
9
12
15
18
21
24
27
30
Input voltage (V)
L = 68µH
RS = 300mΩ
TA = 25°C
Figure 14. 330mA LED current vs Input voltage
1 LED
2 LEDs
3 LEDs
4 LEDs
5 LEDs
6 LEDs
7 LEDs
8 LEDs
0
100
200
300
400
500
600
700
800
6
9
12
15
18
21
24
27
30
Input voltage (V)
L = 68µH
RS = 300mΩ
TA = 25°C
Figure 15. Switching frequency vs Input voltage
1 LED
2 LEDs
3 LEDs 4 LEDs
5 LEDs
6 LEDs 7 LEDs 8 LEDs
0.55
0.6
0.65
0.7
0.75
0.8
6
9
12
15
18
21
24
27
30
Input voltage (V)
L = 68µH
RS = 150mΩ
TA = 25°C
Figure 16. 670mA LED current vs Input voltage
1 LED
2 LEDs
3 LEDs
4 LEDs
5 LEDs
6 LEDs 7 LEDs
8 LEDs
0.80
0.85
0.90
0.95
1.00
1.05
1.10
1.15
1.20
6
9
12
15
18
21
24
27
30
Input voltage (V)
L = 68µH
RS = 100mΩ
TA = 25°C
Figure 17. 1A LED current vs input voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com