Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AL8805 Datasheet(PDF) 10 Page - Diodes Incorporated

Part # AL8805
Description  HIGH EFFICIENCY 30V 1A BUCK LED DRIVER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL8805 Datasheet(HTML) 10 Page - Diodes Incorporated

Back Button AL8805 Datasheet HTML 6Page - Diodes Incorporated AL8805 Datasheet HTML 7Page - Diodes Incorporated AL8805 Datasheet HTML 8Page - Diodes Incorporated AL8805 Datasheet HTML 9Page - Diodes Incorporated AL8805 Datasheet HTML 10Page - Diodes Incorporated AL8805 Datasheet HTML 11Page - Diodes Incorporated AL8805 Datasheet HTML 12Page - Diodes Incorporated AL8805 Datasheet HTML 13Page - Diodes Incorporated AL8805 Datasheet HTML 14Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
AL8805
HIGH EFFICIENCY 30V 1A BUCK LED DRIVER
AL8805
Document number: DS35030 Rev. 1 - 2
10 of 16
www.diodes.com
September 2010
© Diodes Incorporated
Applications Information (cont.)
PWM Dimming (cont.)
Typically, for a PWM frequency of 500Hz the accuracy is
better than 1% for PWM ranging from 1% to 100%.
0
100
200
300
400
500
600
700
0%
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
PWMdimming [%]
Figure 30. PWM Dimming at 500Hz
0
10
20
30
40
50
60
70
0%
1%
2%
3%
4%
5%
6%
7%
8%
9%
10%
PWMdimming [%]
Figure 31. Low duty cycle PWM Dimming at 500Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com