Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AL8805 Datasheet(PDF) 13 Page - Diodes Incorporated

Part # AL8805
Description  HIGH EFFICIENCY 30V 1A BUCK LED DRIVER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL8805 Datasheet(HTML) 13 Page - Diodes Incorporated

Back Button AL8805 Datasheet HTML 8Page - Diodes Incorporated AL8805 Datasheet HTML 9Page - Diodes Incorporated AL8805 Datasheet HTML 10Page - Diodes Incorporated AL8805 Datasheet HTML 11Page - Diodes Incorporated AL8805 Datasheet HTML 12Page - Diodes Incorporated AL8805 Datasheet HTML 13Page - Diodes Incorporated AL8805 Datasheet HTML 14Page - Diodes Incorporated AL8805 Datasheet HTML 15Page - Diodes Incorporated AL8805 Datasheet HTML 16Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
AL8805
HIGH EFFICIENCY 30V 1A BUCK LED DRIVER
AL8805
Document number: DS35030 Rev. 1 - 2
13 of 16
www.diodes.com
September 2010
© Diodes Incorporated
Applications Information (cont.)
Figure 35. Recommended PCB Layout
Application Example
Typical
application
example
for
the
AL8805
is
the
MR16 lamp. They typically operate from 12VDC or 12VAC,
using
conventional
electromagnetic
transformers
or
electronic transformers.
As a replacement in some halogen lamp applications LEDs
offer a more energy efficient solution – providing no radiated
heat and no Ultra Violet light.
This application example is intended to fit into the base
connector space of an MR16 style LED lamp. The design
has been optimized for part count and thermal performance
for a single 3W LED in the Lens section.
AL8805
AL8805
Figure 36. MR16 Schematic
An inductor choice of 33µH with saturation current higher
than 1.1A, will limit the frequency variation between 230kHz
and 350kHz over the whole input voltage variation (8V to
18V), and therefore represent the best choice for an
MR16 solution also taking into account the size constraint of
the lamp.
The AL8805 guarantee high level of performance both with
12VAC and 12VDC power supply.
The efficiency is generally higher than 81% and current
regulation is better than 0.1mA/V in for a DC input voltage in
the range from 8V to 18V.
In table 1 can be found the bill of material of the
MR16 application example.
In figures 37 and 38 are displayed the top layer and the
bottom layer of a typical PCB design for an MR16 solution.
Figure 37. Top Layer
Figure 38. Bottom Layer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com