Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F23K22-E/SP Datasheet(PDF) 355 Page - Microchip Technology

Part # PIC18F23K22-E/SP
Description  28/40/44-Pin, Low-Power, High-Performance Microcontrollers with nanoWatt XLP Technology
PDF  496 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F23K22-E/SP Datasheet(HTML) 355 Page - Microchip Technology

Back Button PIC18F23K22-E/SP Datasheet HTML 351Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 352Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 353Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 354Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 355Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 356Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 357Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 358Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 359Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 355 / 496 page
background image
 2010 Microchip Technology Inc.
Preliminary
DS41412C-page 355
PIC18(L)F2X/4XK22
REGISTER 24-5:
CONFIG4L: CONFIGURATION REGISTER 4 LOW
R/P-1
R/P-0
U-0
U-0
U-0
R/P-1
U-0
R/P-1
DEBUG(2)
XINST
—
—
—LVP(1)
—
STVREN
bit 7
bit 0
Legend:
R = Readable bit
P = Programmable bit
U = Unimplemented bit, read as ‘0’
-n = Value when device is unprogrammed
x = Bit is unknown
bit 7
DEBUG: Background Debugger Enable bit(2)
1 = Background debugger disabled, RB6 and RB7 configured as general purpose I/O pins
0 = Background debugger enabled, RB6 and RB7 are dedicated to In-Circuit Debug
bit 6
XINST: Extended Instruction Set Enable bit
1 = Instruction set extension and Indexed Addressing mode enabled
0 = Instruction set extension and Indexed Addressing mode disabled (Legacy mode)
bit 5-3
Unimplemented: Read as ‘0’
bit 2
LVP: Single-Supply ICSP Enable bit
1 = Single-Supply ICSP enabled
0 = Single-Supply ICSP disabled
bit 1
Unimplemented: Read as ‘0’
bit 0
STVREN: Stack Full/Underflow Reset Enable bit
1 = Stack full/underflow will cause Reset
0 = Stack full/underflow will not cause Reset
Note 1:
Can only be changed by a programmer in high-voltage programming mode.
2:
The DEBUG bit is managed automatically by device development tools including debuggers and programmers. For
normal device operations, this bit should be maintained as a ‘1’.
REGISTER 24-6:
CONFIG5L: CONFIGURATION REGISTER 5 LOW
U-0
U-0
U-0
U-0
R/C-1
R/C-1
R/C-1
R/C-1
—
—
—
—CP3(1)
CP2(1)
CP1
CP0
bit 7
bit 0
Legend:
R = Readable bit
U = Unimplemented bit, read as ‘0’
-n = Value when device is unprogrammed
C = Clearable only bit
bit 7-4
Unimplemented: Read as ‘0’
bit 3
CP3: Code Protection bit(1)
1 = Block 3 not code-protected
0 = Block 3 code-protected
bit 2
CP2: Code Protection bit(1)
1 = Block 2 not code-protected
0 = Block 2 code-protected
bit 1
CP1: Code Protection bit
1 = Block 1 not code-protected
0 = Block 1 code-protected
bit 0
CP0: Code Protection bit
1 = Block 0 not code-protected
0 = Block 0 code-protected
Note 1:
Available on PIC18(L)FX5K22 and PIC18(L)FX6K22 devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com