Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F23K22-E/SP Datasheet(PDF) 356 Page - Microchip Technology

Part # PIC18F23K22-E/SP
Description  28/40/44-Pin, Low-Power, High-Performance Microcontrollers with nanoWatt XLP Technology
PDF  496 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F23K22-E/SP Datasheet(HTML) 356 Page - Microchip Technology

Back Button PIC18F23K22-E/SP Datasheet HTML 352Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 353Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 354Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 355Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 356Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 357Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 358Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 359Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 360Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 356 / 496 page
background image
PIC18(L)F2X/4XK22
DS41412C-page 356
Preliminary
 2010 Microchip Technology Inc.
REGISTER 24-7:
CONFIG5H: CONFIGURATION REGISTER 5 HIGH
R/C-1
R/C-1
U-0
U-0
U-0
U-0
U-0
U-0
CPD
CPB
—
—
—
—
—
—
bit 7
bit 0
Legend:
R = Readable bit
U = Unimplemented bit, read as ‘0’
-n = Value when device is unprogrammed
C = Clearable only bit
bit 7
CPD: Data EEPROM Code Protection bit
1 = Data EEPROM not code-protected
0 = Data EEPROM code-protected
bit 6
CPB: Boot Block Code Protection bit
1 = Boot Block not code-protected
0 = Boot Block code-protected
bit 5-0
Unimplemented: Read as ‘0’
REGISTER 24-8:
CONFIG6L: CONFIGURATION REGISTER 6 LOW
U-0
U-0
U-0
U-0
R/C-1
R/C-1
R/C-1
R/C-1
—
—
—
—WRT3(1)
WRT2(1)
WRT1
WRT0
bit 7
bit 0
Legend:
R = Readable bit
U = Unimplemented bit, read as ‘0’
-n = Value when device is unprogrammed
C = Clearable only bit
bit 7-4
Unimplemented: Read as ‘0’
bit 3
WRT3: Write Protection bit(1)
1 = Block 3 not write-protected
0 = Block 3 write-protected
bit 2
WRT2: Write Protection bit(1)
1 = Block 2 not write-protected
0 = Block 2 write-protected
bit 1
WRT1: Write Protection bit
1 = Block 1 not write-protected
0 = Block 1 write-protected
bit 0
WRT0: Write Protection bit
1 = Block 0 not write-protected
0 = Block 0 write-protected
Note 1:
Available on PIC18(L)FX5K22 and PIC18(L)FX6K22 devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com