Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F23K22-E/SP Datasheet(PDF) 358 Page - Microchip Technology

Part # PIC18F23K22-E/SP
Description  28/40/44-Pin, Low-Power, High-Performance Microcontrollers with nanoWatt XLP Technology
PDF  496 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F23K22-E/SP Datasheet(HTML) 358 Page - Microchip Technology

Back Button PIC18F23K22-E/SP Datasheet HTML 354Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 355Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 356Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 357Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 358Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 359Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 360Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 361Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 362Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 358 / 496 page
background image
PIC18(L)F2X/4XK22
DS41412C-page 358
Preliminary
 2010 Microchip Technology Inc.
REGISTER 24-11: CONFIG7H: CONFIGURATION REGISTER 7 HIGH
U-0
R/C-1
U-0
U-0
U-0
U-0
U-0
U-0
—
EBTRB
—
—
—
—
—
—
bit 7
bit 0
Legend:
R = Readable bit
U = Unimplemented bit, read as ‘0’
-n = Value when device is unprogrammed
C = Clearable only bit
bit 7
Unimplemented: Read as ‘0’
bit 6
EBTRB: Boot Block Table Read Protection bit
1 = Boot Block not protected from table reads executed in other blocks
0 = Boot Block protected from table reads executed in other blocks
bit 5-0
Unimplemented: Read as ‘0’
REGISTER 24-12: DEVID1: DEVICE ID REGISTER 1
RR
R
R
R
R
R
R
DEV2
DEV1
DEV0
REV4
REV3
REV2
REV1
REV0
bit 7
bit 0
Legend:
R = Readable bit
U = Unimplemented bit, read as ‘0’
-n = Value when device is unprogrammed
C = Clearable only bit
bit 7-5
DEV<2:0>: Device ID bits
These bits, together with DEV<10:3> in DEVID2, determine the device ID.
See Table 24-2 for complete Device ID list.
bit 4-0
REV<4:0>: Revision ID bits
These bits indicate the device revision.
REGISTER 24-13: DEVID2: DEVICE ID REGISTER 2
RR
R
R
R
R
R
R
DEV10
DEV9
DEV8
DEV7
DEV6
DEV5
DEV4
DEV3
bit 7
bit 0
Legend:
R = Readable bit
U = Unimplemented bit, read as ‘0’
-n = Value when device is unprogrammed
C = Clearable only bit
bit 7-0
DEV<10:3>: Device ID bits
These bits, together with DEV<2:0> in DEVID1, determine the device ID.
See Table 24-2 for complete Device ID list.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com