Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F23K22-E/SP Datasheet(PDF) 436 Page - Microchip Technology

Part # PIC18F23K22-E/SP
Description  28/40/44-Pin, Low-Power, High-Performance Microcontrollers with nanoWatt XLP Technology
PDF  496 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F23K22-E/SP Datasheet(HTML) 436 Page - Microchip Technology

Back Button PIC18F23K22-E/SP Datasheet HTML 432Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 433Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 434Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 435Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 436Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 437Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 438Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 439Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 440Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 436 / 496 page
background image
PIC18(L)F2X/4XK22
DS41412C-page 436
Preliminary
 2010 Microchip Technology Inc.
27.8
DC Characteristics:Input/Output Characteristics, PIC18(L)F2X/4XK22
DC CHARACTERISTICS
Standard Operating Conditions (unless otherwise stated)
Operating temperature -40°C
TA  +125°C
Param
No.
Symbol
Characteristic
Min
Typ†
Max
Units
Conditions
VIL
Input Low Voltage
I/O ports:
D140
with TTL buffer
—
V
D141
with Schmitt Trigger
—
V
D142
MCLR
—V
D143
OSC1
—
V
HS, HSPLL modes
D144
D145
D146
OSC1
OSC1
TXCKI
—
—
—
V
V
V
RC, EC modes(1)
XT, LP modes
VIH
Input High Voltage
I/O ports:
D147
with TTL buffer
—
V
D148
VIH
with Schmitt Trigger:
—
—
V
V
2.4V < VDD < 3.6V
VDD < 2.4V
D149
VIH
MCLR
—
—
V
V
2.4V < VDD < 3.6V
VDD < 2.4V
D150
OSC1
—
V
HS, HSPLL modes
D151
D152
D153
D154
OSC1
OSC1
OSC1
TXCKI
—
—
—
—
V
V
V
V
EC mode
RC mode(1)
XT, LP modes
IIL
Input Leakage I/O and
MCLR(2),(3)
VSS
VPIN VDD,
Pin at high-
impedance
D155
D156
D157
IIL
IIL
I/O ports
Input Leakage RA2
Input Leakage RA3
5
10
30
100
10
35
200
400
10
25
70
300
nA
nA
nA
nA
nA
nA
nA
nA
nA
nA
nA
nA
+25°C
+60°C
+85°C
+125°C
+25°C
+60°C
+85°C
+125°C
+25°C
+60°C
+85°C
+125°C
Note 1:
In RC oscillator configuration, the OSC1/CLKIN pin is a Schmitt Trigger input. It is not recommended that
the PIC® device be driven with an external clock while in RC mode.
2:
The leakage current on the MCLR pin is strongly dependent on the applied voltage level. The specified
levels represent normal operating conditions. Higher leakage current may be measured at different input
voltages.
3:
Negative current is defined as current sourced by the pin.
4:
Parameter is characterized but not tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com