Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F23K22-E/SP Datasheet(PDF) 440 Page - Microchip Technology

Part # PIC18F23K22-E/SP
Description  28/40/44-Pin, Low-Power, High-Performance Microcontrollers with nanoWatt XLP Technology
PDF  496 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F23K22-E/SP Datasheet(HTML) 440 Page - Microchip Technology

Back Button PIC18F23K22-E/SP Datasheet HTML 436Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 437Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 438Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 439Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 440Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 441Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 442Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 443Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 444Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 440 / 496 page
background image
PIC18(L)F2X/4XK22
DS41412C-page 440
Preliminary
 2010 Microchip Technology Inc.
FIGURE 27-3:
HIGH/LOW-VOLTAGE DETECT CHARACTERISTICS
VHLVD
HLVDIF
VDD
(HLVDIF set by hardware)
(HLVDIF can be
cleared by software)
TABLE 27-4:
HIGH/LOW-VOLTAGE DETECT CHARACTERISTICS
Standard Operating Conditions (unless otherwise stated)
Operating temperature -40°C
 TA  +125°C
Param
No.
Symbol
Characteristic
HLVDL<3:0>
Min
Typ†
Max
Units
Conditions
HLVD Voltage on VDD
Transition High-to-
Low
0000
1.80
V
0001
2.05
V
0010
2.25
V
0011
2.40
V
0100
2.50
V
0101
2.75
V
0110
2.80
V
0111
2.95
V
1000
3.25
V
1001
3.45
V
1010
3.65
V
1011
3.80
V
1100
4.10
V
1101
4.35
V
1110
4.70
V
1111
V(HLVDIN pin)
v
† Production tested at TAMB = 25°C. Specifications over temperature limits ensured by characterization.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com