Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F23K22-E/SP Datasheet(PDF) 439 Page - Microchip Technology

Part # PIC18F23K22-E/SP
Description  28/40/44-Pin, Low-Power, High-Performance Microcontrollers with nanoWatt XLP Technology
PDF  496 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F23K22-E/SP Datasheet(HTML) 439 Page - Microchip Technology

Back Button PIC18F23K22-E/SP Datasheet HTML 435Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 436Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 437Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 438Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 439Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 440Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 441Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 442Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 443Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 439 / 496 page
background image
 2010 Microchip Technology Inc.
Preliminary
DS41412C-page 439
PIC18(L)F2X/4XK22
27.10 Analog Characteristics
TABLE 27-1:
COMPARATOR SPECIFICATIONS
Operating Conditions: 1.8V < VDD < 5.5V, -40°C < TA < +125°C (unless otherwise stated)
Param
No.
Sym
Characteristics
Min
Typ
Max
Units
Comments
CM01
VIOFF
Input Offset Voltage
—
12
mV
High-Power mode
—
18
mV
Low-Power mode
CM02
VICM
Input Common-mode Voltage
—
VDD
V
CM03
CMRR
Common-mode Rejection Ratio
—
—
dB
CM04
TRESP
Response Time
—
200
ns
High-Power mode(1)
—
300
ns
Low-Power mode
CM05
TMC2OV
Comparator Mode Change to
Output Valid*
——
s
*
These parameters are characterized but not tested.
Note 1:
Response time measured with one comparator input at VDD/2, while the other input transitions from VSS to VDD.
TABLE 27-2:
DIGITAL-TO-ANALOG CONVERTER (DAC) SPECIFICATIONS
Operating Conditions: 1.8V < VDD < 5.5V, -40°C < TA < +125°C (unless otherwise stated)
Param
No.
Sym
Characteristics
Min
Typ
Max
Units
Comments
CV01*
CLSB
Step Size(2)
—VDD/32
—
V
CV02*
CACC
Absolute Accuracy
—
—
1/2
LSb
CV03*
CR
Unit Resistor Value (R)
—
5k
—
CV04*
CST
Settling Time(1)
——
10
s
*
These parameters are characterized but not tested.
Note 1:
Settling time measured while CVRR = 1 and CVR3:CVR0 transitions from ‘0000’ to ‘1111’.
2:
See Section 22.0 “Digital-to-Analog Converter (DAC) Module” for more information.
TABLE 27-3:
FIXED VOLTAGE REFERENCE (FVR) SPECIFICATIONS
Operating Conditions: 1.8V < VDD < 3.6V, -40°C < TA < +125°C (unless otherwise stated)
VR Voltage Reference Specifications
Standard Operating Conditions (unless otherwise stated)
Operating temperature
-40°C
 TA  +125°C
Param
No.
Sym
Characteristics
Min
Typ
Max
Units
Comments
VR01
VROUT
VR voltage output
0.92
1.024
1.13
V
1x output, VDD 1.8V
1.84
2.048
2.26
V
2x output, VDD 2.5V
3.70
4.096
4.50
V
4x output, VDD 4.75V
VR04*
TSTABLE
Settling Time
—
25
100
s
0 to 125°C
* These parameters are characterized but not tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com