Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXP45X Datasheet(PDF) 136 Page - Intel Corporation

Part # IXP45X
Description  Product Line of Network Processors
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

IXP45X Datasheet(HTML) 136 Page - Intel Corporation

Back Button IXP45X Datasheet HTML 132Page - Intel Corporation IXP45X Datasheet HTML 133Page - Intel Corporation IXP45X Datasheet HTML 134Page - Intel Corporation IXP45X Datasheet HTML 135Page - Intel Corporation IXP45X Datasheet HTML 136Page - Intel Corporation IXP45X Datasheet HTML 137Page - Intel Corporation IXP45X Datasheet HTML 138Page - Intel Corporation IXP45X Datasheet HTML 139Page - Intel Corporation IXP45X Datasheet HTML 140Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 148 page
background image
Intel® IXP45X and Intel® IXP46X Product Line of Network Processors—Datasheet
Intel® IXP45X and Intel® IXP46X Product Line of Network Processors
Datasheet
August 2006
136
Document Number: 306261-004US
Table 75.
HPI-16 Non-Multiplexed Read Accesses Values
Symbol
Parameter
Min
.
Max.
Units
Notes
Tadd_setup
Valid time that address is asserted on the line. The address is
asserted at the same time as chip select.
11
45
Cycles
1, 5, 6
Tcs2hds1val
Delay from chip select being active and the HDS1 data strobe
being active.
3
4
Cycles
5, 6
Thds1_pulse
Pulse width of the HDS1 data strobe
4
5
Cycles
2, 4, 5
Tdata_setup
Data is valid from the time from of the falling edge of
HDS1_N to when the data is read.
45
Cycles
3, 5, 6
Trecov
Time required between successive accesses on the expansion
interface.
217
Cycles
4, 6
Notes:
1.
The address phase parameter (T1) must be set to a minimum value of 2. This value allows three T
clocks for the address phase. This setting is required to ensure that in the event of an HRDY, the
IXP45X/IXP46X network processors have had sufficient time to recognize the HRDY and hold the
address phase for at least one clock pulse after the HRDY is de-active.
2.
The data setup phase parameter (T2) must be set to a minimum value of 2. This value allows three T
clocks for setup phase.
3.
The data strobe phase parameter (T3) must be set to a minimum value of 1. This value allows two T
clocks for the data phase. This setting is required to ensure that in the event of an HRDY, the IXP45X/
IXP46X network processors have had sufficient time to recognize the HRDY and hold the data setup
phase for at least one clock pulse after the HRDY is de-active
4.
Setting the recovery phase parameter (T5) will adjust the duration between successive accesses on
the Expansion Bus interface.
5.
HRDY can be asserted by the DSP at any point in the access. The interface will not leave states T1 or
T3 until HRDY is de-active
6.
One cycle is the period of the Expansion Bus clock.
7.
Timing was designed for a system load between 5pF and 60pF for high drive setting
Figure 40.
HPI*-16 Non-Multiplexed Read Mode
B-01
Valid
Valid Data
Valid Data
Valid
T1
T3
T4
T3
T2
T1
T2
T5
EX_ADDR[23:0]
(ha)
EX_RDY_N
(hrdy)
EX_DATA
(hdout)
EX_CS_N
(hcs_n)
EX_WR_N
(hds1_n)
EX_RD_N
(hr_w_n)
EX_CLK
Tadd_setup
Tdata_setup
Thds1_pulse
Tcs2hds1val
Trecov



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com