Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXP45X Datasheet(PDF) 140 Page - Intel Corporation

Part # IXP45X
Description  Product Line of Network Processors
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

IXP45X Datasheet(HTML) 140 Page - Intel Corporation

Back Button IXP45X Datasheet HTML 136Page - Intel Corporation IXP45X Datasheet HTML 137Page - Intel Corporation IXP45X Datasheet HTML 138Page - Intel Corporation IXP45X Datasheet HTML 139Page - Intel Corporation IXP45X Datasheet HTML 140Page - Intel Corporation IXP45X Datasheet HTML 141Page - Intel Corporation IXP45X Datasheet HTML 142Page - Intel Corporation IXP45X Datasheet HTML 143Page - Intel Corporation IXP45X Datasheet HTML 144Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 148 page
background image
Intel® IXP45X and Intel® IXP46X Product Line of Network Processors—Datasheet
Intel® IXP45X and Intel® IXP46X Product Line of Network Processors
Datasheet
August 2006
140
Document Number: 306261-004US
5.6.2.9
I2C Interface Timing
Table 77.
Serial Peripheral Port Interface Timing Values
Symbol
Parameter
Min.
Max.
Units Notes
TPER_INTCLK
Minimum and maximum clock periods which can
be produced by the SSP_SCLK when the clock is
being generated from the internal 3.7033MHz
clock.
.0072
1.8432
MHz
TPER_EXTCLK
Minimum and maximum clock period which can be
produced by the SSP_SCLK when the clock is being
generated from the externally supplied maximum
clock rate of 33 MHz clock (SSP_EXTCLK).
.06445
16.5
MHz
TIS
Input Setup time for data prior to the valid edge of
SSP_SCLK. These signals include SSP_SRXD.
15
ns
TIH
Input hold time for data after the to the valid edge
of SSP_SCLK. These signals include SSP_SRXD.
0ns
TDOV
SSP_SCLK clock to output valid delay from output
signals. These signals include SSP_STXD and
SSP_SFRM.
16
ns
TDOH
Output data hold valid from valid edge of
SSP_SCLK. These signals include SSP_STXD and
SSP_SFRM.
1ns
TOV
Output Valid Delay from SSP_EXTCLK to SSP_SCLK
in external clock mode
215
ns
1.
Timing was designed for a system load between 5pF and 40pF
2.
Clock jitter on the SSPSCLK is designed to be an average of the specified clock frequency. The
SSPSCLK jitter specification is unspecified.
Figure 45.
I2C Interface Timing
Table 78.
I2C Interface Timing Values (Sheet 1 of 2)
Symbol
Parameter
Min.
Max.
Min.
Max.
Units
Notes
FSCL
SCL Clock Frequency
0
100
0
400
KHz
TBUF
Bus Free Time Between STOP and START
Condition
4.7
1.3
μs
THDSTA
Hold Time (repeated) START Condition
4
0.6
μs
2
TLOW
SCL Clock Low Time
4.7
1.3
μs
1
THIGH
SCL Clock High Time
4
0.6
μs
1
TSUSTA
Setup Time for a Repeated START Condition
4.7
0.6
μs
THDDAT
Data Hold Time
0
3.45
0
0.9
μs
TSUDAT
Data Setup Time
250
100
ns
Notes:
1.
Not tested
2.
After this period, the first clock pulse is generated
3.
Cb = capacitance of one bus line in pF.
I2C_SDA
I2C_SCL
Stop
Start
Repeated
Start
Stop
T
BUF
T
LOW
T
HDSTA
T
SR
T
HDDAT
T
HIIGH
T
SUDAT
T
SUSTA
T
SF
T
HDSTA
T
SP
T
SUSTO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com