Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXP45X Datasheet(PDF) 139 Page - Intel Corporation

Part # IXP45X
Description  Product Line of Network Processors
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

IXP45X Datasheet(HTML) 139 Page - Intel Corporation

Back Button IXP45X Datasheet HTML 135Page - Intel Corporation IXP45X Datasheet HTML 136Page - Intel Corporation IXP45X Datasheet HTML 137Page - Intel Corporation IXP45X Datasheet HTML 138Page - Intel Corporation IXP45X Datasheet HTML 139Page - Intel Corporation IXP45X Datasheet HTML 140Page - Intel Corporation IXP45X Datasheet HTML 141Page - Intel Corporation IXP45X Datasheet HTML 142Page - Intel Corporation IXP45X Datasheet HTML 143Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 148 page
background image
Intel® IXP45X and Intel® IXP46X Product Line of Network Processors
August 2006
Datasheet
Document Number: 306261-004US
139
Datasheet—Intel® IXP45X and Intel® IXP46X Product Line of Network Processors
5.6.2.8
Serial Peripheral Port Interface Timing
Figure 43.
I/O Wait Extended Phase Timing
Figure 44.
Serial Peripheral Interface Timing
EX_CLK
EX_CS_ N[0]
EX_ADDR[23:0 ]
EX_RD_N
EX_DATA[15:0]
Valid Data
Valid Address
4 Cycles
4 Cycles
16 Cycles
16 Cycles
T1=3 h
T2=3 h
T3=F h
T4=3 h
T5=F h
EX_IOWAIT_N
B5243- 01
....
4 Cycles
...
.
2 Cycles
SSPEXT CLK
SSPSCLK
SSPINPUT S
SSPOUT PUT S
T
OV
T
IS
T
IH
T
DOV
T
DOH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com