Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXP45X Datasheet(PDF) 144 Page - Intel Corporation

Part # IXP45X
Description  Product Line of Network Processors
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

IXP45X Datasheet(HTML) 144 Page - Intel Corporation

Back Button IXP45X Datasheet HTML 140Page - Intel Corporation IXP45X Datasheet HTML 141Page - Intel Corporation IXP45X Datasheet HTML 142Page - Intel Corporation IXP45X Datasheet HTML 143Page - Intel Corporation IXP45X Datasheet HTML 144Page - Intel Corporation IXP45X Datasheet HTML 145Page - Intel Corporation IXP45X Datasheet HTML 146Page - Intel Corporation IXP45X Datasheet HTML 147Page - Intel Corporation IXP45X Datasheet HTML 148Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 144 / 148 page
background image
Intel® IXP45X and Intel® IXP46X Product Line of Network Processors—Datasheet
Intel® IXP45X and Intel® IXP46X Product Line of Network Processors
Datasheet
August 2006
144
Document Number: 306261-004US
5.6.3
Reset Timings
The IXP45X/IXP46X network processors can be reset in any of the following three
modes:
•Cold Reset
•Warm Reset
• Soft Reset.
Normally, a Cold Reset is executed each time power is initially applied to the board, a
Warm Reset is executed when it is only intended to reset the IXP45X/IXP46X network
processors, and a Soft Reset is executed by the watchdog timer.
5.6.3.1
Cold Reset
A Cold Reset condition is when the network processor is initially powered-up and has
successfully come out of the Reset. During this state all internal modules and registers
are set to the initial default state. To successfully come out of reset, two things must
occur:
• Proper power sequence as described in Section 5.7
Figure 48.
Boundary-Scan Reset Timings
Table 80.
Boundary-Scan Interface Timings Values
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
Notes
Tbscl
JTG_TCK low time
50
ns
2
Tbsch
JTG_TCK high time
50
ns
2
Tbsis
JTG_TDI, JTG_TMS setup time to
rising edge of JTG_TCK
10
ns
Tbsih
JTG_TDI, JTG_TMS hold time from
rising edge of JTG_TCK
10
ns
Tbsoh
JTG_TDO hold time after falling
edge of JTG_TCK
1.5
ns
1
Tbsod
JTG_TDO clock to output from
falling edge of JTG_TCK
40
ns
1
Tbsr
JTG_TRST_N reset period
30
ns
Tbsrs
JTG_TMS setup time to rising edge
of JTG_TRST_N
10
ns
Tbsrh
JTG_TMS hold time from rising
edge of JTG_TRST_N
10
ns
Notes:
1.
Tests completed with a 40-pF load to ground on JTAG_TDO.
2.
JTG_TCK may be stopped indefinitely in either the low or high phase.
A9597-01
Tbsr
Tbsrs Tbsrh
JTG_TRST_N
JTG_TMS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com