Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXP45X Datasheet(PDF) 148 Page - Intel Corporation

Part # IXP45X
Description  Product Line of Network Processors
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

IXP45X Datasheet(HTML) 148 Page - Intel Corporation

Back Button IXP45X Datasheet HTML 140Page - Intel Corporation IXP45X Datasheet HTML 141Page - Intel Corporation IXP45X Datasheet HTML 142Page - Intel Corporation IXP45X Datasheet HTML 143Page - Intel Corporation IXP45X Datasheet HTML 144Page - Intel Corporation IXP45X Datasheet HTML 145Page - Intel Corporation IXP45X Datasheet HTML 146Page - Intel Corporation IXP45X Datasheet HTML 147Page - Intel Corporation IXP45X Datasheet HTML 148Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 148 / 148 page
background image
Intel® IXP45X and Intel® IXP46X Product Line of Network Processors—Datasheet
Intel® IXP45X and Intel® IXP46X Product Line of Network Processors
Datasheet
August 2006
148
Document Number: 306261-004US
Activity factor is directly proportional to the overall power consumption where each
application will have a different activity factor and different power conclusion. Table 83
illustrates the activity factor of each interface on the tester during the typical worst
case networking application.
5.9
Ordering Information
For ordering information, please contact your local Intel sales representative.
Please refer to the following tables for the part number list:
• Table 6 on page 41 for Intel® IXP46X Product Line of Network Processors.
• Table 7 on page 42 for Intel® IXP45X Product Line of Network Processors.
Table 82.
Power Dissipation Values
Part Type
Power Rail
ICC_TOTAL
(mA)
Power Per
Rail
(mW)†
Maximum Power
Dissipation
(Watts)
Intel® IXP45X and Intel® IXP46X
Product Line of Network Processors—
266 MHz
3.3 V
88
305
2.8
2.5 V
255
669
1.3 V
1335
1822
Intel® IXP45X and Intel® IXP46X
Product Line of Network Processors —
400 MHz
3.3 V
88
305
3.0
2.5 V
255
669
1.3 V
1485
2027
Intel® IXP45X and Intel® IXP46X
Product Line of Network Processors —
533 MHz
3.3 V
88
305
3.2
2.5 V
255
669
1.3 V
1630
2225
Intel® IXP46X Product Line — 667 MHz
3.3 V
88
305
4.0
2.5 V
255
669
1.5 V
1920
3024
Notes:
1.
ICC_TOTAL for 3.3V includes total current for VCCP and VOSC_VCCP
2.
ICC_TOTAL for 2.5V includes total current for VCCM
3.
ICC_TOTAL for 1.3V includes total current for VCC, VOSC_VCCP, VCCPLL1, VCCPLL2, and VCCPLL3
† Power in mW is calculated using Maximum Vcc specification for each power rail.
Table 83.
Power Dissipation Test Conditions
Interface
DDR
(data/addr)
PCI
(addr/cntl)
EXP
(data/cntl)
Ethernet
(data)
UTOPIA
(data)
Activity
Factor
15% / 6%
16% / 10%
5% / 3.7%
20%
17%
Notes:
1.
All output clocks toggling at their specified rate.
2.
Tester did not include termination resistors on any interface for power analysis.
3.
Tester measures power at 85 degrees C Ambient.
4.
Intel XScale® Processor tested running DSP software.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com