Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXP45X Datasheet(PDF) 146 Page - Intel Corporation

Part # IXP45X
Description  Product Line of Network Processors
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

IXP45X Datasheet(HTML) 146 Page - Intel Corporation

Back Button IXP45X Datasheet HTML 140Page - Intel Corporation IXP45X Datasheet HTML 141Page - Intel Corporation IXP45X Datasheet HTML 142Page - Intel Corporation IXP45X Datasheet HTML 143Page - Intel Corporation IXP45X Datasheet HTML 144Page - Intel Corporation IXP45X Datasheet HTML 145Page - Intel Corporation IXP45X Datasheet HTML 146Page - Intel Corporation IXP45X Datasheet HTML 147Page - Intel Corporation IXP45X Datasheet HTML 148Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 146 / 148 page
background image
Intel® IXP45X and Intel® IXP46X Product Line of Network Processors—Datasheet
Intel® IXP45X and Intel® IXP46X Product Line of Network Processors
Datasheet
August 2006
146
Document Number: 306261-004US
5.6.3.4
Reset Timings
Figure 49.
Reset Timings
Table 81.
Reset Timings Table Parameters
Symbol
Parameter
Min.
Typ.
Max.
Units
Note
TRELEASE_PWRON_RST_N
Minimum time required to hold the PWON_RST_N at logic 0
state after stable power has been applied to the IXP45X/
IXP46X network processors.
2000
ns
1
TRELEASE_RESET_IN_N
Minimum time required to hold the RESET_IN_N at logic 0
state after PWRON_RST_N has been released to a logic 1
state. The RESET_IN_N signal must be held low when the
PWRON_RST_N signal is held low.
10
ns
TPLL_LOCK
Maximum time for PLL_LOCK signal to drive to logic 1 after
RESET_IN_N is driven to logic 1 state. The boot sequence
does not occur until this period is complete.
10
µs
TEX_ADDR_SETUP
Minimum time for the EX_ADDR signals to drive the inputs
prior to RESET_IN_N being driven to logic 1 state. This is
used for sampling configuration information.
50
ns
2
TEX_ADDR_HOLD
Minimum/maximum time for the EX_ADDR signals to drive
the inputs prior to PLL_LOCK being driven to logic 1 state.
This is used for sampling configuration information.
020
ns
2
TWARM_RESET
Minimum time required to drive RESET_IN_N signal to logic
0 in order to cause a Warm Reset in the IXP45X/IXP46X
network processors. During this period, the power supply
must not be disturbed and PWRON_RST_N signal must
remain at logic high during the entire process.
500
ns
Notes:
1.
TRELEASE_PWRON_RST_N is the time required for the internal oscillator to reach stability.
2.
The expansion bus address is captured as a derivative of the RESET_IN_N signal going high. When a programmable-logic
device is used to drive the EX_ADDR signals instead of pull-downs, the signals must be active until PLL_LOCK is active.
VCCP
VCCM
VCC
PLL_LOCK
PWRON_RESET_N
RESET_IN_N
EX_ADDR[24:0]
EX_ADDR[24:0]-Pull Up/Down
CFG Settings To Be Captured
CFG Settings To Be Captured
IXP46X Drives Outputs
TRELEASE_PWRON_RST_N
TEX_ADDR_SETUP
TRELEASE_RST_N
TPLL_LOCK
TEX_ADDR_HOLD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com