Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F272Z2 Datasheet(PDF) 139 Page - STMicroelectronics

Part # ST10F272Z2
Description  16-bit MCU with 256 Kbyte Flash memory and 20 Kbyte RAM
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F272Z2 Datasheet(HTML) 139 Page - STMicroelectronics

Back Button ST10F272Z2_08 Datasheet HTML 135Page - STMicroelectronics ST10F272Z2_08 Datasheet HTML 136Page - STMicroelectronics ST10F272Z2_08 Datasheet HTML 137Page - STMicroelectronics ST10F272Z2_08 Datasheet HTML 138Page - STMicroelectronics ST10F272Z2_08 Datasheet HTML 139Page - STMicroelectronics ST10F272Z2_08 Datasheet HTML 140Page - STMicroelectronics ST10F272Z2_08 Datasheet HTML 141Page - STMicroelectronics ST10F272Z2_08 Datasheet HTML 142Page - STMicroelectronics ST10F272Z2_08 Datasheet HTML 143Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 189 page
background image
ST10F272Z2
Electrical characteristics
139/189
Based on thermal characteristics of the package and with reference to the power
consumption figures provided in next tables and diagrams, the following product
classification can be proposed. Anyhow, the exact power consumption of the device inside
the application must be computed according to different working conditions, thermal profiles,
real thermal resistance of the system (including printed circuit board or other substrata), I/O
activity, and so on.
25.4
Parameter interpretation
The parameters listed in the following tables represent the characteristics of the
ST10F272Z2 and its demands on the system.
Where the ST10F272Z2 logic provides signals with their respective timing characteristics,
the symbol “CC” for Controller Characteristics, is included in the “Symbol” column. Where
the external system must provide signals with their respective timing characteristics to the
ST10F272Z2, the symbol “SR” for System Requirement, is included in the “Symbol” column.
Table 63.
Thermal characteristics
Symbol
Description
Value (typical)
Unit
ΘJA
Thermal Resistance Junction-Ambient
PQFP 144 - 28 x 28 x 3.4 mm / 0.65 mm pitch
TQFP 144 - 20 x 20 mm / 0.5 mm pitch
TQFP 144 - 20 x 20 mm / 0.5 mm pitch on four layer
FR4 board (2 layers signals / 2 layers power)
30
40
35
°C/W
Table 64.
Package characteristics
Package
Ambient temperature range
CPU frequency range
PQFP 144
–40 / +125°C
1 – 64MHz
TQFP 144
–40 / +125°C
1 – 40MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com