Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F272Z2 Datasheet(PDF) 140 Page - STMicroelectronics

Part # ST10F272Z2
Description  16-bit MCU with 256 Kbyte Flash memory and 20 Kbyte RAM
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F272Z2 Datasheet(HTML) 140 Page - STMicroelectronics

Back Button ST10F272Z2_08 Datasheet HTML 136Page - STMicroelectronics ST10F272Z2_08 Datasheet HTML 137Page - STMicroelectronics ST10F272Z2_08 Datasheet HTML 138Page - STMicroelectronics ST10F272Z2_08 Datasheet HTML 139Page - STMicroelectronics ST10F272Z2_08 Datasheet HTML 140Page - STMicroelectronics ST10F272Z2_08 Datasheet HTML 141Page - STMicroelectronics ST10F272Z2_08 Datasheet HTML 142Page - STMicroelectronics ST10F272Z2_08 Datasheet HTML 143Page - STMicroelectronics ST10F272Z2_08 Datasheet HTML 144Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 189 page
background image
Electrical characteristics
ST10F272Z2
140/189
25.5
DC characteristics
VDD = 5 V ± 10%, VSS = 0 V, TA = –40 to +125 °C
Table 65.
DC characteristics
Parameter
Symbol
Limit values
Unit
Test Condition
min.
max.
Input low voltage (TTL mode)
(except RSTIN, EA, NMI, RPD, XTAL1,
READY)
VIL
SR
– 0.3
0.8
V
–
Input low voltage (CMOS mode)
(except RSTIN, EA, NMI, RPD, XTAL1,
READY)
VILS SR
– 0.3
0.3 VDD
V–
Input low voltage RSTIN, EA, NMI, RPD
VIL1 SR
– 0.3
0.3 VDD
V–
Input low voltage XTAL1 (CMOS only)
VIL2 SR
– 0.3
0.3 VDD
V
Direct Drive mode
Input low voltage READY (TTL only)
VIL3 SR
– 0.3
0.8
V
–
Input high voltage (TTL mode)
(except RSTIN, EA, NMI, RPD, XTAL1)
VIH
SR
2.0
VDD + 0.3
V
–
Input high voltage (CMOS mode)
(except RSTIN, EA, NMI, RPD, XTAL1)
VIHS SR
0.7 VDD
VDD + 0.3
V
–
Input high voltage RSTIN, EA, NMI, RPD VIH1 SR
0.7 VDD
VDD + 0.3
V
–
Input high voltage XTAL1 (CMOS only)
VIH2 SR
0.7 VDD
VDD + 0.3
V
Direct Drive mode
Input high voltage READY (TTL only)
VIH3 SR
2.0
VDD + 0.3
V
–
Input Hysteresis (TTL mode)
(except RSTIN, EA, NMI, XTAL1, RPD)
VHYS CC
400
700
mV
(1)
Input Hysteresis (CMOS mode)
(except RSTIN, EA, NMI, XTAL1, RPD)
VHYSSCC
750
1400
mV
(1)
Input Hysteresis RSTIN, EA, NMI
VHYS1CC
750
1400
mV
(1)
Input Hysteresis XTAL1
VHYS2CC
050
mV
(1)
Input Hysteresis READY (TTL only)
VHYS3CC
400
700
mV
(1)
Input Hysteresis RPD
VHYS4CC
500
1500
mV
(1)
Output low voltage
(P6[7:0], ALE, RD, WR/WRL,
BHE/WRH, CLKOUT, RSTIN,
RSTOUT)
VOL CC
–
0.4
0.05
V
IOL = 8 mA
IOL = 1 mA
Output low voltage
(P0[15:0], P1[15:0], P2[15:0],
P3[15,13:0], P4[7:0], P7[7:0],
P8[7:0])
VOL1 CC
–
0.4
0.05
V
IOL1 = 4 mA
IOL1 = 0.5 mA
Output low voltage RPD
VOL2 CC
–
VDD
0.5 VDD
0.3 VDD
V
IOL2 = 85 µA
IOL2 = 80 µA
IOL2 = 60 µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com