Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F272Z2 Datasheet(PDF) 142 Page - STMicroelectronics

Part # ST10F272Z2
Description  16-bit MCU with 256 Kbyte Flash memory and 20 Kbyte RAM
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F272Z2 Datasheet(HTML) 142 Page - STMicroelectronics

Back Button ST10F272Z2_08 Datasheet HTML 138Page - STMicroelectronics ST10F272Z2_08 Datasheet HTML 139Page - STMicroelectronics ST10F272Z2_08 Datasheet HTML 140Page - STMicroelectronics ST10F272Z2_08 Datasheet HTML 141Page - STMicroelectronics ST10F272Z2_08 Datasheet HTML 142Page - STMicroelectronics ST10F272Z2_08 Datasheet HTML 143Page - STMicroelectronics ST10F272Z2_08 Datasheet HTML 144Page - STMicroelectronics ST10F272Z2_08 Datasheet HTML 145Page - STMicroelectronics ST10F272Z2_08 Datasheet HTML 146Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 189 page
background image
Electrical characteristics
ST10F272Z2
142/189
Power Down supply current (11)
(RTC off, Oscillators off,
Main Voltage Regulator off)
IPD1
–400
µAT
A = 25 °C
Power Down supply current (11)
(RTC on, Main Oscillator on,
Main Voltage Regulator off)
IPD2
–
400
Typical
Value
µAT
A = 25 °C
Power Down supply current (11)
(RTC on, 32kHz Oscillator on,
Main Voltage Regulator off)
IPD3
–400
µAT
A = 25 °C
Stand-by supply current (11)
(RTC off, Oscillators off, VDD off, VSTBY
on)
ISB1
–120
µA
VSTBY = 5.5 V
TA = TJ = 25°C
–500
µA
VSTBY = 5.5 V
TA = TJ = 125 °C
Stand-by supply current (11)
(RTC on, 32kHz Oscillator on,
main VDD off, VSTBY on)
ISB2
–120
µA
VSTBY = 5.5 V
TA = 25°C
Stand-by supply current (1) (11)
(VDD transient condition)
ISB3
–2.5
mA
–
1.
Not 100% tested, guaranteed by design characterization.
2.
This specification is not valid for outputs which are switched to open drain mode. In this case the respective output will float
and the voltage is imposed by the external circuitry.
3.
Port 5 leakage values are granted for not selected A/D Converter channel. One channels is always selected (by default,
after reset, P5.0 is selected). For the selected channel the leakage value is similar to that of other port pins.
4.
The leakage of P2.0 is higher than other pins due to the additional logic (pass gates active only in specific test modes)
implemented on input path. Pay attention to not stress P2.0 input pin with negative overload beyond the specified limits:
failures in Flash reading may occur (sense amplifier perturbation). Refer to next Figure 40 for a scheme of the input
circuitry.
5.
Overload conditions occur if the standard operating conditions are exceeded, i.e. the voltage on any pin exceeds the
specified range (i.e. VOV > VDD + 0.3 V or VOV < –0.3 V). The absolute sum of input overload currents on all port pins may
not exceed 50mA. The supply voltage must remain within the specified limits.
6.
This specification is only valid during Reset, or during Hold- or Adapt-mode. Port 6 pins are only affected, if they are used
for CS output and the open drain function is not enabled.
7.
The maximum current may be drawn while the respective signal line remains inactive.
8.
The minimum current must be drawn in order to drive the respective signal line active.
9.
The power supply current is a function of the operating frequency (fCPU is expressed in MHz). This dependency is
illustrated in the Figure 41 below. This parameter is tested at VDDmax and at maximum CPU clock frequency with all outputs
disconnected and all inputs at VIL or VIH, RSTIN pin at VIH1min: this implies I/O current is not considered. The device is
doing the following:
– Fetching code from IRAM and XRAM1, accessing in read and write to both XRAM modules (for ICC1)
Fetching code from all sectors of IFlash, accessing in read (few fetches) and write to XRAM (for ICC2)
– Watchdog Timer is enabled and regularly serviced
– RTC is running with main oscillator clock as reference, generating a tick interrupts every 192 clock cycles
– Four channel of XPWM are running (waves period: 2, 2.5, 3 and 4 CPU clock cycles): no output toggling
– Five General Purpose Timers are running in timer mode with prescaler equal to 8 (T2, T3, T4, T5, T6)
– ADC is in Auto Scan Continuous Conversion mode on all 16 channels of Port5
– All interrupts generated by XPWM, RTC, Timers and ADC are not serviced
10. The Idle mode supply current is a function of the operating frequency (fCPU is expressed in MHz). This dependency is
illustrated in the Figure 40 below. These parameters are tested and at maximum CPU clock with all outputs disconnected
and all inputs at VIL or VIH, RSTIN pin at VIH1min.
11. This parameter is tested including leakage currents. All inputs (including pins configured as inputs) at 0 V to 0.1 V or at VDD
– 0.1 V to VDD, VAREF = 0 V, all outputs (including pins configured as outputs) disconnected. Besides, the Main Voltage
Regulator is assumed off: in case it is not, additional 1mA shall be assumed.
Table 65.
DC characteristics (continued)
Parameter
Symbol
Limit values
Unit
Test Condition
min.
max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com